Electronic Components Datasheet Search
  English  ▼

X  

USB2502-HT Datasheet(PDF) 43 Page - SMSC Corporation

Part # USB2502-HT
Description  2-Port USB 2.0 Hub Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2502-HT Datasheet(HTML) 43 Page - SMSC Corporation

Back Button USB2502-HT Datasheet HTML 36Page - SMSC Corporation USB2502-HT Datasheet HTML 37Page - SMSC Corporation USB2502-HT Datasheet HTML 38Page - SMSC Corporation USB2502-HT Datasheet HTML 39Page - SMSC Corporation USB2502-HT Datasheet HTML 40Page - SMSC Corporation USB2502-HT Datasheet HTML 41Page - SMSC Corporation USB2502-HT Datasheet HTML 42Page - SMSC Corporation USB2502-HT Datasheet HTML 43Page - SMSC Corporation USB2502-HT Datasheet HTML 44Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
Chapter 9 Package Outlines
Figure 9.1 36 Pin QFN Package
-
SEE SPEC FRONT PAGE FOR REVISION HISTORY
--
DECIMAL
X.X
X.XX
X.XXX
MATERIAL
FINISH
STD COMPLIANCE
THIRD ANGLE PROJECTION
PRINT WITH "SCALE TO FIT"
DO NOT SCALE DRAWING
APPROVED
ANGULAR
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN MILLIMETERS
AND TOLERANCES ARE:
DIM AND TOL PER ASME Y14.5M - 1994
DRAWN
CHECKED
NAME
SCALE
80 ARKAY DRIVE
HAUPPAUGE, NY 11788
USA
DWG NUMBER
TITLE
DATE
SHEET
REV
REVISION HISTORY
DESCRIPTION
REVISION
RELEASED BY
DATE
S.K.ILIEV
S.K.ILIEV
S.K.ILIEV
±1°
-
-
±0.025
±0.05
±0.1
12/6/04
1:1
12/6/04
12/6/04
F
JEDEC: MO-220
1 OF 1
36 TERMINAL QFN, 6x6mm BODY, 0.5mm PITCH
PACKAGE OUTLINE
MO-36-QFN-6x6
SIDE VIEW
3-D VIEWS
TOP VIEW
3
2
BOTTOM VIEW
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETER.
2. POSITION TOLERANCE OF EACH TERMINAL IS ± 0.05mm AT MAXIMUM MATERIAL CONDITION. DIMENSIONS
"b" APPLIES TO PLATED TERMINALS AND IT IS MEASURED BETWEEN 0.15 AND 0.30 mm FROM THE
TERMINAL TIP.
3. DETAILS OF TERMINAL #1 IDENTIFIER ARE OPTIONAL BUT MUST BE LOCATED WITHIN THE AREA INDICATED.
4. COPLANARITY ZONE APPLIES TO EXPOSED PAD AND TERMINALS.
E2
E
E1
0.6(MAX)
0.6(MAX)
D
D1
TERMINAL #1
IDENTIFIER AREA
(D1/2 X E1/2)
36X b
36X L
TERMINAL #1
IDENTIFIER AREA
(D/2 X E/2)
D2
e
EXPOSED PAD
3
A1
A2
A
CHAMFERED CORNERS
ARE OPTIONAL 4X
36X 0.2 MIN
4
ccc C
4
C
A3
4X 0°-12°
D2 / E2 VARIATIONS
CATALOG PART



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com