Electronic Components Datasheet Search
  English  ▼

X  

UPB581C Datasheet(PDF) 2 Page - NEC

Part # UPB581C
Description  DIVIDE- BY- 2 PRESCALER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPB581C Datasheet(HTML) 2 Page - NEC

  UPB581C Datasheet HTML 1Page - NEC UPB581C Datasheet HTML 2Page - NEC UPB581C Datasheet HTML 3Page - NEC UPB581C Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCC
Supply Voltage
V
-0.5 to 6.0
VIN
Input Voltage
V
-0.5 to VCC + 0.5
PIN
Input Power
dBm
+10
PD
Power Dissipation
UPB581B2
mW
1500
UPB581C
mW
600
TOP
Operating Temperature
UPB581B
°C
-55 to +125
UPB581C
°C
-55 to +85
TSTG
Storage Temperature
UPB581B
°C
-65 to +200
UPB581C
°C
-55 to +125
UPB581B, UPB581C
10
100
1K
10K
100K
1M
-80
-90
-100
-110
-120
-130
-140
-150
-160
-170
-180
0
UPB581
SSB PHASE NOISE vs. OFFSET FROM CARRIER
fIN = 500 MHz
Notes:
1. Operation in excess of any one of these parameters may result in
permanent damage.
2. TA = Absolute Maximum Operating Temperature.
SYMBOL
PARAMETER
UNITS
RATINGS
VCC
Supply Voltage
V
4.5 to 5.5
TOP
Operating Temperature
UPB581B
°C
-40 to +85
UPB581C
°C
-20 to +75
RECOMMENDED
OPERATING CONDITIONS
Note: Because of the high internal gain and gain compression of the
UPB581, this device is prone to self-oscillation in the absence of an RF
input signal. If the device will be used in an application where DC power
will be applied in the absence of an RF input signal, this self-oscillation
can be suppressed by any of the following means:
* Add a shunt resistor from the RF input line to ground. The
blocking capacitor should be between the resistor and the
UPB581, but physical separation should be minimized. Typically a
resistor value between 50 and 100 ohms will suppress the self-
oscillation.
* Apply a DC offset voltage of +3.0 volts to the INPUT pin. The
voltage source should be isolated from the INPUT pin by a series
1000 ohm resistor.
* Apply a DC offset voltage of +1.5 volts to the BYPASS pin. The
voltage source should be isolated from the BYPASS pin by a
series 1000 ohm resistor.
All these approaches reduce the input sensitivity of the UPB581 (by as
much as 3 dB for the example of a 50 ohm shunt resistor), but otherwise
have no affect on the reliability or other electrical characteristics of this
device.
UPB581B
INPUT POWER vs. FREQUENCY
20
-10
-30
0
0.5
1
1.5
2
2.5
3
3.5
-20
RESPONSE CURVE CONDITION
VCC = 5 V
10
0
Guaranteed
Operating Window
Frequency, f (GHz)
TYPICAL PERFORMANCE CURVES
(TA = 25
°C unless otherwise noted.)
UPB581C
INPUT POWER vs. FREQUENCY
20
10
0
-10
-20
-30
PIN MAX
PIN MIN
0.5
1
2
5
VCC = 5 V
Guaranteed
Operating
Window
*
UPB581C
OUTPUT POWER vs. INPUT POWER
Input Power, PIN (dBm)
* See special conditions in Electrical Characteristics Table.
1
Frequency, f (GHz)
Offset from Carrier (Hz)
0
-10
-20
-30
-40
-20
-10
0
10
20
fIN
VCC = 5 V
fIN = 2 GHz
1/2 fIN



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com