Electronic Components Datasheet Search
  English  ▼

X  

PHP225 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PHP225
Description  Nexperia B.V. All rights reserved [NEXPERIA]^1325
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PHP225 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PHP225 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PHP225 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PHP225 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PHP225 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PHP225 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PHP225 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PHP225 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PHP225 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PHP225 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
© Nexperia B.V. 2017. All rights reserved
PHP225
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 04 — 17 March 2011
2 of 12
Nexperia
PHP225
Dual P-channel intermediate level FET
2.
Pinning information
3.
Ordering information
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1S1
source1
SOT96-1 (SO8)
2
G1
gate1
3S2
source2
4
G2
gate2
5D2
drain2
6D2
drain2
7D1
drain1
8D1
drain1
4
5
1
8
sym115
D1
D1
D2
D2
S1
G1
S2
G2
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PHP225
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com