Electronic Components Datasheet Search
  English  ▼

X  

PHT6N06T Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PHT6N06T
Description  TrenchMOS™ standard level FET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PHT6N06T Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PHT6N06T Datasheet HTML 1Page - Nexperia B.V. All rights reserved PHT6N06T Datasheet HTML 2Page - Nexperia B.V. All rights reserved PHT6N06T Datasheet HTML 3Page - Nexperia B.V. All rights reserved PHT6N06T Datasheet HTML 4Page - Nexperia B.V. All rights reserved PHT6N06T Datasheet HTML 5Page - Nexperia B.V. All rights reserved PHT6N06T Datasheet HTML 6Page - Nexperia B.V. All rights reserved PHT6N06T Datasheet HTML 7Page - Nexperia B.V. All rights reserved PHT6N06T Datasheet HTML 8Page - Nexperia B.V. All rights reserved PHT6N06T Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PHT6N06T
TrenchMOS™ standard level FET
Rev. 02 — 03 February 2003
Product data
M3D087
1.
Product profile
1.1 Description
N-channel enhancement mode field-effect transistor in a plastic package using
TrenchMOS™ technology.
Product availability:
PHT6N06T in SOT223.
1.2 Features
1.3 Applications
1.4 Quick reference data
2.
Pinning information
s Low on-state resistance
s Low QGD
s Fast switching
s Surface mounting package.
s DC to DC converters
s General purpose switching.
s VDS ≤ 55 V
s ID ≤ 5.5 A
s Ptot ≤ 8.3 W
s RDSon ≤ 150 mΩ
Table 1:
Pinning - SOT223, simplified outline and symbol
Pin
Description
Simplified outline
Symbol
1
gate (g)
SOT223
2
drain (d)
3
source (s)
4
drain (d)
4
123
MSB002 - 1
Top view
s
d
g
MBB076



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com