Electronic Components Datasheet Search
  English  ▼

X  

9D1 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 9D1
Description  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

9D1 Datasheet(HTML) 2 Page - Diodes Incorporated

  9D1 Datasheet HTML 1Page - Diodes Incorporated 9D1 Datasheet HTML 2Page - Diodes Incorporated 9D1 Datasheet HTML 3Page - Diodes Incorporated 9D1 Datasheet HTML 4Page - Diodes Incorporated 9D1 Datasheet HTML 5Page - Diodes Incorporated 9D1 Datasheet HTML 6Page - Diodes Incorporated 9D1 Datasheet HTML 7Page - Diodes Incorporated 9D1 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DMN61D9UDWQ
Document number: DS43034 Rev. 2 - 2
2 of 8
www.diodes.com
June 2021
© Diodes Incorporated
DMN61D9UDWQ
Marking Information
Date Code Key
Year
2021
2022
2023
2024
2025
2026
2027
2028
2029
2030
2031
2032
Code
I
J
K
L
M
N
O
P
R
S
T
U
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = 5V
Steady
State
TA = +25°C
TA = +70°C
ID
318
254
mA
Maximum Continuous Body Diode Forward Current (Note 6)
IS
318
mA
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
0.9
A
Pulsed Source Current (10µs Pulse, Duty Cycle = 1%)
ISM
0.9
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
PD
0.37
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
340
°C/W
Total Power Dissipation (Note 6)
PD
0.44
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
285
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
9D1 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: I = 2021)
M = Month (ex: 9 = September)
S
1
D
1
D
2
S
2
G
1
G
2
9D1 YM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com