Electronic Components Datasheet Search
  English  ▼

X  

TLV255X Datasheet(PDF) 23 Page - Texas Instruments

Part # TLV255X
Description  ADVANCED LINCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV255X Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLV255X Datasheet HTML 19Page - Texas Instruments TLV255X Datasheet HTML 20Page - Texas Instruments TLV255X Datasheet HTML 21Page - Texas Instruments TLV255X Datasheet HTML 22Page - Texas Instruments TLV255X Datasheet HTML 23Page - Texas Instruments TLV255X Datasheet HTML 24Page - Texas Instruments TLV255X Datasheet HTML 25Page - Texas Instruments TLV255X Datasheet HTML 26Page - Texas Instruments TLV255X Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
TLV225x, TLV225xA
Advanced LinCMOS RAILTORAIL
VERY LOW POWER OPERATIONAL AMPLIFIERS
SLOS185D − FEBRUARY 1997 − REVISED AUGUST 2006
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 2
DISTRIBUTION OF TLV2252
INPUT OFFSET VOLTAGE
VIO − Input Offset Voltage − mV
10
5
0
20
15
− 1.6
− 0.8
0
0.8
1.6
1020 Amplifiers From 1 Wafer Lot
VDD = ± 1.5 V
TA = 25°C
Figure 3
DISTRIBUTION OF TLV2252
INPUT OFFSET VOLTAGE
VIO − Input Offset Voltage − mV
10
5
0
20
15
− 1.6
− 0.8
0
0.8
1.6
1020 Amplifiers From 1 Wafer Lot
VDD = ± 2.5 V
TA = 25°C
Figure 4
DISTRIBUTION OF TLV2254
INPUT OFFSET VOLTAGE
VIO − Input Offset Voltage − mV
15
10
5
0
20
35
− 1.6
− 0.8
0
0.8
1.6
25
30
682 Amplifiers From 1 Wafer Lot
VDD ± = ±1.5 V
TA = 25°C
Figure 5
DISTRIBUTION OF TLV2254
INPUT OFFSET VOLTAGE
VIO − Input Offset Voltage − mV
20
10
5
0
25
35
− 1.6
− 0.8
0
0.8
1.6
682 Amplifiers From 1 Wafer Lot
VDD ± = ±2.5 V
TA = 25°C
15
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com