Electronic Components Datasheet Search
  English  ▼

X  

IRS2001SPBF Datasheet(PDF) 11 Page - International Rectifier

Part # IRS2001SPBF
Description  HIGH AND LOW SIDE DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2001SPBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IRS2001SPBF Datasheet HTML 7Page - International Rectifier IRS2001SPBF Datasheet HTML 8Page - International Rectifier IRS2001SPBF Datasheet HTML 9Page - International Rectifier IRS2001SPBF Datasheet HTML 10Page - International Rectifier IRS2001SPBF Datasheet HTML 11Page - International Rectifier IRS2001SPBF Datasheet HTML 12Page - International Rectifier IRS2001SPBF Datasheet HTML 13Page - International Rectifier IRS2001SPBF Datasheet HTML 14Page - International Rectifier IRS2001SPBF Datasheet HTML 15Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
IRS2001(S)PbF
www.irf.com
11
PRELIMINARY
Figure 20A. Logic "0" Input Current
vs. Temperature
Temperature (°C)
Vcc Supply Voltage (V)
Figure 20B. Logic "0" Input Current
vs. Voltage
0
1
2
3
4
5
10
12
14
16
18
20
Max.
Figure 21A. Vcc Undervoltage Threshold(+)
vs. Temperature
Temperature (°C)
Figure 21B. Vcc Undervoltage Threshold(-)
vs. Temperature
6
7
8
9
10
11
-50
-25
0
25
50
75
100
125
Max.
Min.
Typ.
6
7
8
9
10
11
-50
-25
0
25
50
75
100
125
Ma x .
Min.
Typ .
Temperature (°C)
0
1
2
3
4
5
-50
-25
0
25
50
75
100
125
Max.
Figure 19A. Logic"1" Input Current
vs. Temperature
Temperature (°C)
Figure 19B. Logic"1" Input Current
vs. Voltage
0
5
10
15
20
25
30
-50
-25
0
2 5
5 0
7 5
1 00
1 25
Ma x .
Ty p.
0
5
10
15
20
25
30
10
12
14
16
18
20
Ma x .
Ty p.
Vcc Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com