Electronic Components Datasheet Search
  English  ▼

X  

IRS2001STRPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRS2001STRPBF
Description  HIGH AND LOW SIDE DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2001STRPBF Datasheet(HTML) 1 Page - International Rectifier

  IRS2001STRPBF Datasheet HTML 1Page - International Rectifier IRS2001STRPBF Datasheet HTML 2Page - International Rectifier IRS2001STRPBF Datasheet HTML 3Page - International Rectifier IRS2001STRPBF Datasheet HTML 4Page - International Rectifier IRS2001STRPBF Datasheet HTML 5Page - International Rectifier IRS2001STRPBF Datasheet HTML 6Page - International Rectifier IRS2001STRPBF Datasheet HTML 7Page - International Rectifier IRS2001STRPBF Datasheet HTML 8Page - International Rectifier IRS2001STRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Data Sheet No. PD60268
Typical Connection
Features
• Floating channel designed for bootstrap operation
• Fully operational to +200 V
• Tolerant to negative transient voltage, dV/dt immune
• Gate drive supply range from 10 V to 20 V
• Undervoltage lockout
• 3.3 V, 5 V, and 15 V logic input compatible
• Matched propagation delay for both channels
• Outputs in phase with inputs
HIGH AND LOW SIDE DRIVER
Product Summary
VOFFSET
200 V max.
IO+/-
130 mA/270 mA
VOUT
10 V - 20 V
ton/off (typ.)
160 ns/150 ns
Delay Matching
50 ns
IRS2001(S)PbF
Description
The IRS2001 is a high voltage, high speed power
MOSFET and IGBT driver with independent high and
low side referenced output channels. Proprietary
HVIC and latch immune CMOS technologies enable
ruggedized monolithic construction. The logic input
is compatible with standard CMOS or LSTTL output,
down to 3.3 V logic. The output drivers feature a high
pulse current buffer stage designed for minimum driver
cross-conduction. The floating channel can be used to
drive an N-channel power MOSFET or IGBT in the high
side configuration which operates up to 200 V.
www.irf.com
1
(Refer to Lead Assignments for correct pin configuration). This diagram shows electrical connections only.
Please refer to our Application Notes and DesignTips for proper circuit board layout.
IRS2001
V
CC
V
B
V
S
HO
LO
COM
HIN
LIN
LIN
HIN
up to 200 V
TO
LOAD
V
CC
PRELIMINARY
Packages
8-Lead PDIP
IRS2001
8-Lead SOIC
IRS2001S


Similar Part No. - IRS2001STRPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRS2001S INFINEON-IRS2001S Datasheet
1Mb / 15P
HIGH AND LOW SIDE DRIVER
Data Sheet No. PD60268 revA
More results

Similar Description - IRS2001STRPBF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS2011PBF IRF-IRS2011PBF Datasheet
338Kb / 19P
HIGH AND LOW SIDE DRIVER
IRS2106 IRF-IRS2106_15 Datasheet
1Mb / 25P
HIGH AND LOW SIDE DRIVER
IRS2181 IRF-IRS2181_15 Datasheet
1Mb / 23P
HIGH AND LOW SIDE DRIVER
IRS2607DSPBF IRF-IRS2607DSPBF_15 Datasheet
833Kb / 28P
HIGH AND LOW SIDE DRIVER
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
High Side and Low Side Driver
logo
Infineon Technologies A...
IR2101 INFINEON-IR2101 Datasheet
148Kb / 14P
HIGH AND LOW SIDE DRIVER
IRS2005PBF INFINEON-IRS2005PBF Datasheet
1Mb / 19P
High and Low Side Driver
April 23, 2020
IRS2101PBF INFINEON-IRS2101PBF Datasheet
1Mb / 15P
HIGH AND LOW SIDE DRIVER
Data Sheet No. PD60250
logo
Shenzhen Huazhimei Semi...
HM2101 HMSEMI-HM2101 Datasheet
385Kb / 5P
High and Low Side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com