Electronic Components Datasheet Search
  English  ▼

X  

21700621 Datasheet(PDF) 1 Page - Lapp.

Part # 21700621
Description  ED-IE-AX-M12XF-6A-67-FC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

21700621 Datasheet(HTML) 1 Page - Lapp.

  21700621 Datasheet HTML 1Page - Lapp. 21700621 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
21700621
DATA SHEET
Valid from:
20.02.2020
ED-IE-AX-M12XF-6A-67-FC
Creator: MANA2/PDP
Released: IVSE1/PDP
Document: DB21700621EN
Version: 04
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Product description
Field mountable Industrial Ethernet Connector, M12 X-
coded acc. to IEC 61076-2-109
Suitable for industrial applications
Robust and consistent against vibration
No special tools needed
General properties
Ambient temperature
-40 to +85 °C
Protection degree
IP 67*
Termination type
IDC
Outer diameter, cable
5.0 – 9.7 mm**
Outer diameter, wire
0.85 – 1.6 mm
Termination cross section, stranded, 7 wires
AWG26/7 – AWG22/7
Termination cross section, solid
AWG26/1 – AWG22/1
Pollution degree
2
Overvoltage category
III
*following Lapp products with an outer diameter
greater than 8.5 mm are recommended to enable the
protection degree IP67
ETHERLINE® Cat.6A
ETHERLINE® PN Cat.6A FLEX
ETHERLINE® FD CAT.6A
ETHERLINE® TORSION Cat.6A
ETHERLINE® Cat.7
**following version is recommended for cable outer
diameters less than 6.3 mm
21700645
Mechanical properties
Insertion force
≤ 30 N
Mating cycles
≥ 100
Electrical properties
Rated voltage
48 V
Current carrying capacity
0,5 A
Insulation resistance
≥ 100 MΩ
Transmission properties
Suitable for 10 Gigabit Ethernet acc. to IEEE 802.3an
yes
Materials
Connector housing, base material
die-cast zinc
Contacts, surface
Ni + Au


Similar Part No. - 21700621

ManufacturerPart #DatasheetDescription
logo
Lapp.
21700623 LAPP-21700623 Datasheet
128Kb / 2P
EPIC DATA CCR FA
17.09.2018
More results

Similar Description - 21700621

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
FOX-15D AAEON-FOX-15D Datasheet
115Kb / 1P
IP-67 Water-Proof & Marine IEC60945 ed.4 Compliant
logo
Lapp.
2170583 LAPP-2170583 Datasheet
233Kb / 2P
ETHERLINE® PN Cat.6A Y FC 4x2x23/1AWG
13.01.2020
21700502 LAPP-21700502 Datasheet
99Kb / 2P
ED-PB-90--FC
17.09.2018
21700538 LAPP-21700538 Datasheet
139Kb / 1P
ED-CAN-AX
17.09.2018
21700600 LAPP-21700600 Datasheet
305Kb / 2P
ED-IE-AX-6A-A-20-FC
08.07.2021
21700611 LAPP-21700611 Datasheet
163Kb / 2P
ED-IE-AX-RJ45F-6A-A-FC
21.04.2022
21700617 LAPP-21700617 Datasheet
182Kb / 3P
ED-IE-M12F-X-RM
17.09.2018
21700633 LAPP-21700633 Datasheet
136Kb / 2P
EPIC® DATA ED-IE-RJ45F-AC-DC
17.09.2018
21700647 LAPP-21700647 Datasheet
121Kb / 2P
ED-IE-AX-M12D-5-PN-67-FC
06.07.2023
21700648 LAPP-21700648 Datasheet
121Kb / 2P
ED-IE-AX-M12D-5-67
06.07.2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com