Electronic Components Datasheet Search
  English  ▼

X  

21920122 Datasheet(PDF) 1 Page - Lapp.

Part # 21920122
Description  UNIVERSAL STRIP STRIPPING TOOL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

21920122 Datasheet(HTML) 1 Page - Lapp.

  21920122 Datasheet HTML 1Page - Lapp. 21920122 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
21920005
DATA SHEET
Valid from:
09.11.2018
UNIVERSAL STRIP STRIPPING TOOL
Creator: LISC1/PDP
Released: IVSE1/PDP
Document: DB21920005EN
Version: 01
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
UNIVERSAL STRIP stripping tool
General Description:
• Stripping tool for specific applications for e.g. solar cables or PTFE cables
• No pinching or deforming of cable ends thanks to a special cutting mode
• Interchangeable blades for different cable cross sections
• Automatic release after operation
• For use with a great variety of insulation with differing hardness and dimension
Technical data UNIVERSAL STRIP Stripping tool:
•Length:
194mm
•Weight:
0,41kg
•Delivery color:
Orange
More Product data:
ETIM 5.0 Class-ID: EC000163
ETIM 5.0 Class-Description: Stripping Tool
Put the cable on the length stop
Stripping the insulation material off with the blades
Put the cable on the length stop
Stripping the insulation material off with the blades
Automatic removal of insulation


Similar Part No. - 21920122

ManufacturerPart #DatasheetDescription
logo
Abbatron All Rights Res...
2192 ABBATRON-2192 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Molex Electronics Ltd.
219264 MOLEX-219264 Datasheet
34Kb / 2P
Combo Antennas
12/09/2022
219264-0001 MOLEX-219264-0001 Datasheet
34Kb / 2P
Combo Antennas
12/09/2022
2192640001 MOLEX-2192640001 Datasheet
332Kb / 2P
BOTTOM FEED 5 IN 1 ANTENNA LITE
2022/10/28
2192640001 MOLEX-2192640001 Datasheet
34Kb / 2P
Combo Antennas
12/09/2022
More results

Similar Description - 21920122

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
60W110-C03 ROSENBERGER-60W110-C03 Datasheet
48Kb / 1P
STRIPPING TOOL
60W107-C05 ROSENBERGER-60W107-C05 Datasheet
431Kb / 1P
STRIPPING TOOL
60W110-C06 ROSENBERGER-60W110-C06 Datasheet
29Kb / 1P
STRIPPING TOOL
60W110-C08 ROSENBERGER-60W110-C08 Datasheet
50Kb / 1P
STRIPPING TOOL
logo
PHOENIX CONTACT
1204481 PHOENIX-1204481 Datasheet
50Kb / 2P
Stripping tool - CYCLOPS
1206146 PHOENIX-1206146 Datasheet
45Kb / 2P
Stripping tool - KAMES-LWL
1212158 PHOENIX-1212158 Datasheet
53Kb / 2P
Stripping tool - WIREFOX 6SC
1212368 PHOENIX-1212368 Datasheet
55Kb / 3P
Stripping tool - WIREFOX 2,5
logo
Weidmuller
9005610000 WEIDMULLER-9005610000 Datasheet
114Kb / 4P
Tools, Stripping and cutting tool
September 28, 2021
logo
PHOENIX CONTACT
2744636 PHOENIX-2744636 Datasheet
59Kb / 3P
Stripping tool - PSM-STRIP-KNIFEBLOCK
09/12/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com