Electronic Components Datasheet Search
  English  ▼

X  

21920008 Datasheet(PDF) 2 Page - Lapp.

Part # 21920008
Description  UNIVERSAL STRIP STRIPPING TOOL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

21920008 Datasheet(HTML) 2 Page - Lapp.

  21920008 Datasheet HTML 1Page - Lapp. 21920008 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
21920005
DATA SHEET
Valid from:
09.11.2018
UNIVERSAL STRIP STRIPPING TOOL
Creator: LISC1/PDP
Released: IVSE1/PDP
Document: DB21920005EN
Version: 01
Page 2 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Product characteristics:
Tool and blades could be ordered separately or in a set, where the tool and one blade is included (but please note that the
blade is not already assembled in the tool).
Art. No.
Area of application
Capacity
Dimensions of
stripping points
For
Insulation
material
Blade pairs
Tool incl. blade:
21920141
for DIN single cores
0,14 – 6 mm
2
∅0,70/∅1,35
∅1,70/∅2,30
∅2,70/∅3,50
PVC
Only blade:
21920009
Tool incl. blade:
21920125
for POF cables 1,2,4-
wires
1-wire/∅6,7 mm
2-wire/∅6,2 mm
4-wire/∅5,5 mm
∅2,2 mm POF
∅5,80
∅4,80
∅2,50
∅1,50
PVC / PUR
Only blade:
21920126
Tool incl. blade:
21920129
for fluorpolymer cables
0,03 – 2,08 mm
2
∅0,35/∅0,55
∅0,80/∅1,05
∅1,35/∅1,60
∅1,75
PTFE
Only blade:
21920006
Tool incl. blade:
21920130
for fluorpolymer cables
2,5-10 mm²
∅4,45
∅3,50
∅2,70
∅2,30
PTFE
Only blade:
21920004
Tool incl. blade:
21920131
for fluorpolymer cables
0,5 / 2,5 / 16
mm
2
∅5,70
∅2,30
∅1,00
PTFE
Only blade:
21920008
Tool incl. blade:
21920140
For AS-I-Bus cables
2 x 1,5 mm
2
10,2 x 4 mm
Oval special shape
2xR1,30
(distance 0,68)
2 x ∅1,70
Gum/ TPE /
PVC
Only blade:
21920135
Tool incl. blade:
21920120
for solar cables
1,5 – 6,0 mm
2
∅3,90
∅3,00
∅2,40
∅1,90
XLPO
(Cross-linked
Polyolefin)
Only blade:
21920122
Note:
The photographs are not to scale and do not represent detailed images of the respective products.
Art. No. for
tool without
knife
Article description
Length (mm)
Color
Weight (kg)
VPE
21920005
Universal Strip without stripping knife
194
Orange
0,41
1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com