Electronic Components Datasheet Search
  English  ▼

X  

72044210 Datasheet(PDF) 1 Page - Lapp.

Part # 72044210
Description  EPIC® SIGNAL M23 D6
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

72044210 Datasheet(HTML) 1 Page - Lapp.

  72044210 Datasheet HTML 1Page - Lapp. 72044210 Datasheet HTML 2Page - Lapp. 72044210 Datasheet HTML 3Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
44420037
DATA SHEET
Valid from:
30.06.2022
EPIC® SIGNAL M23 D6
Creator: MANA2/PDP
Released: IVSE1/PDP
Document: DB44420037EN
Version: 04
Page 1 of 3
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Description
Circular connectors for servo cables and encoders
Low-resistance screen contact, optimum EMC protection
Use of high-quality materials for increased reliability
General characteristics
Series
SIGNAL M23
Version
cable connector
Protection rating
IP 68 (10 h / 1 m)
Temperature range
-25 °C to +125 °C
Product variations
Materials and surfaces
Housing
Nickel plated zinc die-casting
Sealing
FPM/NBR (5.0-7.3 mm)
Insulatin sleeve / Lamella basket
PA UL94 V0 / PA UL94 V2
Approvals
VDE-Approval, VDE-REG.-Nr.
C024
UL File Number
E249137
Standard
Safety Standard
IEC 61984; UL2238; CSA 22.2 182.3
W
Coding
Cable clamping range
PU
44420037
black (N)
7.0-13.5
5
750184131
black (N)
5.0-7.3
5
750184141
black (N)
5.0-7.3
20
72044030
black (N)
7.0-10.0
5
72044020
black (N)
7.0-10.0
20
72044000
black (N)
9.5-13.5
5
72044010
black (N)
9.5-13.5
20
44420038
red (+20°)
7.0-13.5
5
72044230
red (+20°)
7.0-10.0
5
72044220
red (+20°)
7.0-10.0
20
72044200
red (+20°)
9.5-13.5
5
72044210
red (+20°)
9.5-13.5
20
44420036
blue (-20°)
7.0-13.5
5
72044130
blue (-20°)
7.0-10.0
5
72044120
blue (-20°)
7.0-10.0
20
72044100
blue (-20°)
9.5-13.5
5
72044110
blue (-20°)
9.5-13.5
20


Similar Part No. - 72044210

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
72044 GAMEWELL-FCI-72044 Datasheet
37Kb / 2P
SERIES ET LOW PROFILE SPEAKER STROBES
More results

Similar Description - 72044210

ManufacturerPart #DatasheetDescription
logo
Lapp.
44420024 LAPP-44420024 Datasheet
168Kb / 3P
EPIC® SIGNAL M23 B1
28.07.2021
44420046 LAPP-44420046 Datasheet
180Kb / 3P
EPIC® SIGNAL M23 G5
28.07.2021
44420050 LAPP-44420050 Datasheet
171Kb / 3P
EPIC® SIGNAL M23 B2
28.07.2021
44420071 LAPP-44420071 Datasheet
175Kb / 3P
EPIC® SIGNAL M23 G6 N
28.07.2021
44420148 LAPP-44420148 Datasheet
211Kb / 3P
EPIC® SIGNAL M23 7E/P
17.09.2018
44420216 LAPP-44420216 Datasheet
342Kb / 4P
EPIC® POWERLOCK D6 C
03.08.2023
44429310 LAPP-44429310 Datasheet
139Kb / 2P
EPIC® LS1.5 D6
17.09.2018
72004000 LAPP-72004000 Datasheet
192Kb / 3P
EPIC® SIGNAL M23 A1
28.07.2021
72400001 LAPP-72400001 Datasheet
109Kb / 1P
EPIC® SIGNAL M23 SCM/SLM
17.09.2018
73002700 LAPP-73002700 Datasheet
199Kb / 3P
EPIC® SIGNAL M23 16E/P
17.09.2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com