Electronic Components Datasheet Search
  English  ▼

X  

44422021 Datasheet(PDF) 1 Page - Lapp.

Part # 44422021
Description  EPIC® H-B 24 TGH 2X
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

44422021 Datasheet(HTML) 1 Page - Lapp.

  44422021 Datasheet HTML 1Page - Lapp. 44422021 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
44422021
DATA SHEET
Valid from:
17.09.2018
EPIC® H-B 24 TGH 2X
Creator: MANA2/PDP
Released: IVSE1/PDP
Document: DB44422021EN
Version: 01
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Description
Ideal for many applications due to a wide range of housings and
inserts
General Characteristics
Series
H-B 24
Version
Locking
Gland body
Cable entry
Hood 2X M25/ 2XM32 (Article 79178500)
Bolts for double lever
No
2 Straight
Protection (DIN EN 60529)
IP 65 (latched)
Protection (NEMA 250, UL50E)
12 (latched)
Temperature Range
-40°C to +100°C, short term up to +125°C
Materials and Surfaces
Housing
Bolt
Aluminium alloy, powder-coated, grey
Heat-treatable steel, zinc-plated
Approvals
VDE-Approval, VDE-REG.-Nr.
B437
Standard
Safety Standard
IEC 61984


Similar Part No. - 44422021

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
4442200 TURCK-4442200 Datasheet
397Kb / 3P
Inductive Sensor
11/07/2023
logo
Lapp.
44422018 LAPP-44422018 Datasheet
145Kb / 2P
EPIC® H-B 16 TGH 2X
17.09.2018
More results

Similar Description - 44422021

ManufacturerPart #DatasheetDescription
logo
Lapp.
19080500 LAPP-19080500 Datasheet
141Kb / 2P
EPIC® H-B 16 TG 2X
17.09.2018
19121000 LAPP-19121000 Datasheet
125Kb / 2P
EPIC® H-B 24 TG
29.08.2022
10105000 LAPP-10105000 Datasheet
137Kb / 2P
EPIC® H-B 24 SGRL
17.09.2018
10127000 LAPP-10127000 Datasheet
129Kb / 2P
EPIC® H-B 24 TBF
17.09.2018
44422018 LAPP-44422018 Datasheet
145Kb / 2P
EPIC® H-B 16 TGH 2X
17.09.2018
70020200 LAPP-70020200 Datasheet
129Kb / 2P
EPIC® H-B 6 TGH
17.09.2018
70044200 LAPP-70044200 Datasheet
129Kb / 2P
EPIC® H-B 10 TGH-RO
17.09.2018
70144400 LAPP-70144400 Datasheet
119Kb / 2P
EPIC® H-B 24 TGH-RO
18.09.2018
70150400 LAPP-70150400 Datasheet
135Kb / 2P
EPIC® H-B 24 TGH
17.09.2018
70490200 LAPP-70490200 Datasheet
136Kb / 2P
EPIC® H-A 16 TGH
17.09.2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com