Electronic Components Datasheet Search
  English  ▼

X  

KTY83 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # KTY83
Description  Silicon temperature sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KTY83 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button KTY83 Datasheet HTML 3Page - NXP Semiconductors KTY83 Datasheet HTML 4Page - NXP Semiconductors KTY83 Datasheet HTML 5Page - NXP Semiconductors KTY83 Datasheet HTML 6Page - NXP Semiconductors KTY83 Datasheet HTML 7Page - NXP Semiconductors KTY83 Datasheet HTML 8Page - NXP Semiconductors KTY83 Datasheet HTML 9Page - NXP Semiconductors KTY83 Datasheet HTML 10Page - NXP Semiconductors KTY83 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
2003 Sep 15
9
Philips Semiconductors
Product specification
Silicon temperature sensors
KTY83 series
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
Note
1. The marking band indicates the cathode.
SOD68
DO-34
97-06-09
Hermetically sealed glass package; axial leaded; 2 leads
SOD68
UNIT
b
max.
mm
0.55
D
max.
G1
max.
25.4
3.04
1.6
L
min.
DIMENSIONS (mm are the original dimensions)
G1
L
D
L
b
(1)
0
2
4 mm
scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11