Electronic Components Datasheet Search
  English  ▼

X  

ST7FL15F1MATRE Datasheet(PDF) 57 Page - STMicroelectronics

Part # ST7FL15F1MATRE
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FL15F1MATRE Datasheet(HTML) 57 Page - STMicroelectronics

Back Button ST7FL15F1MATRE Datasheet HTML 53Page - STMicroelectronics ST7FL15F1MATRE Datasheet HTML 54Page - STMicroelectronics ST7FL15F1MATRE Datasheet HTML 55Page - STMicroelectronics ST7FL15F1MATRE Datasheet HTML 56Page - STMicroelectronics ST7FL15F1MATRE Datasheet HTML 57Page - STMicroelectronics ST7FL15F1MATRE Datasheet HTML 58Page - STMicroelectronics ST7FL15F1MATRE Datasheet HTML 59Page - STMicroelectronics ST7FL15F1MATRE Datasheet HTML 60Page - STMicroelectronics ST7FL15F1MATRE Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 138 page
background image
ST7L15, ST7L19
57/138
DUAL 12-BIT AUTORELOAD TIMER 4 (cont’d)
11.2.3.3 Break Function
The break function can be used to perform an
emergency shutdown of the application being driv-
en by the PWM signals.
The break function is activated by the external
BREAK pin. In order to use the break function it
must be previously enabled by software setting the
BPEN bit in the BREAKCR register.
The Break active level can be programmed by the
BREDGE bit in the BREAKCR register (in ROM
devices the active level is not programmable; the
break active level is low level). When an active lev-
el is detected on the BREAK pin, the BA bit is set
and the break function is activated. In this case,
the PWM signals are forced to BREAK value if the
respective OEx bit is set in the PWMCR register.
Software can set the BA bit to activate the break
function without using the BREAK pin. The BREN1
and BREN2 bits in the BREAKEN Register are
used to enable the break activation on the two
counters respectively. In Dual Timer Mode, the
break for PWM2 and PWM3 is enabled by the
BREN2 bit. In Single Timer Mode, the BREN1 bit
enables the break for all PWM channels. In ROM
devices, BREN1 and BREN2 are both forced by
hardware at high level and all PWMs are enabled.
When a break function is activated (BA bit = 1 and
BREN1/BREN2 = 1):
– The break pattern (PWM[3:0] bits in the
BREAKCR is forced directly on the PWMx output
pins if respective OEx is set (after the inverter).
– The 12-bit PWM counter CNTR1 is put to its re-
set value, that is 00h (if BREN1 = 1).
– The 12-bit PWM counter CNTR2 is put to its re-
set value, that is 00h (if BREN2 = 1).
– ATR1, ATR2, Preload and Active DCRx are put
to their reset values.
– Counters stop counting.
When the break function is deactivated after ap-
plying the break (BA bit goes from 1 to 0 by soft-
ware), the Timer takes the control of the PWM
ports.
Figure 38. Block Diagram of Break Function
PWM0
PWM1
PWM2
PWM3
PWM0
PWM1
PWM2
PWM3
BREAKCR Register
BREAK pin
(Inverters)
PWM0
PWM1
PWM2
PWM3
BPEN
BA
Level
Selection
BREDGE BREAKCR Register
ENCNTR2 bit
BREN1
BREN2
BREAKEN Register
PWM0/1 Break Enable
PWM2/3 Break Enable
OEx
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com