Electronic Components Datasheet Search
  English  ▼

X  

M41T83RM6F Datasheet(PDF) 54 Page - STMicroelectronics

Part # M41T83RM6F
Description  Serial RTC with battery switchover
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T83RM6F Datasheet(HTML) 54 Page - STMicroelectronics

Back Button M41T83RM6F Datasheet HTML 50Page - STMicroelectronics M41T83RM6F Datasheet HTML 51Page - STMicroelectronics M41T83RM6F Datasheet HTML 52Page - STMicroelectronics M41T83RM6F Datasheet HTML 53Page - STMicroelectronics M41T83RM6F Datasheet HTML 54Page - STMicroelectronics M41T83RM6F Datasheet HTML 55Page - STMicroelectronics M41T83RM6F Datasheet HTML 56Page - STMicroelectronics M41T83RM6F Datasheet HTML 57Page - STMicroelectronics M41T83RM6F Datasheet HTML 58Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 54 / 58 page
background image
Package mechanical information
M41T82 M41T83
54/58
Figure 29.
SOX18 – 18-lead plastic small outline, 300mils, embedded crystal, outline
1.
Drawing is not to scale.
Table 26.
SOX18 – 18-lead plastic small outline, 300mils, embedded crystal,
package mech.
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
2.57
2.44
2.69
0.101
0.096
0.106
A1
0.23
0.15
0.31
0.009
0.006
0.012
A2
2.34
2.29
2.39
0.092
0.090
0.094
B
0.46
0.41
0.51
0.018
0.016
0.020
c
0.25
0.20
0.31
0.010
0.008
0.012
D
11.61
11.56
11.66
0.457
0.455
0.459
E
7.62
7.57
7.67
0.300
0.298
0.302
E1
10.34
10.16
10.52
0.407
0.400
0.414
e
1.27
–
–
0.050
–
–
L
0.66
0.51
0.81
0.026
0.020
0.032
E
9
e
D
C
H
10
18
1
B
SO-J
A1
L
A1
α
h x 45
°
A
A2
ddd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58