Electronic Components Datasheet Search
  English  ▼

X  

7481 Datasheet(PDF) 4 Page - Bi technologies

Part # 7481
Description  7/8 Diameter 5-Turn Wirewound Precision Potentiometer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

7481 Datasheet(HTML) 4 Page - Bi technologies

  7481 Datasheet HTML 1Page - Bi technologies 7481 Datasheet HTML 2Page - Bi technologies 7481 Datasheet HTML 3Page - Bi technologies 7481 Datasheet HTML 4Page - Bi technologies 7481 Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
40
°
SLIDER
.625 R MAX
15.9 R MAX
VIEW B
105
° MAX
Use Special Feature Code “FT” to order.
.110
2.794
.020 Thickness
.060
± .003
1.524
± .076
.062
± .003
1.524
± .076
Enlarged View B
Dia.
2-112
Model 7480 Series
OUTLINE DIMENSIONS (Inch/mm)
105
°
Max.
Clamp
.922
23.4
Dia. Max.
.625
15.9
R. Max.
Clamp
Ears
.875
±.016
22.2
±0.41
Housing Dia.
Slider
.080
±.001
2.03
±0.03
Dia.
.057
1.45
Min.
.062
±.005
1.58
±0.13
.062
±.005
1.58
±0.13
Chamfer
.016/0.406 Max. x 45
°
.625
15.875
+.000
-.001
+0.000
-0.025
.875
22.2
+.005
-.010
+0.13
-0.25
.1248
3.1699
+.0000
-.0003
+0.0000
-0.0076
Dia.
Dia.
Dia.
Mounting Surface
.375
±.031
9.53
±0.79
.781
19.8
Dia. Max.
1.250
±.031
31.75
±0.79
.875
±.016
22.2
±0.41
.250
6.35
Min.
CCW
CW
OPTIONAL TERMINAL CONFIGURATION
METRIC CONVERSIONS
1 in.
25.4 mm
1 oz.
28.4 gm
1 oz.-in.
0,007 N-m
1 lb.-in.
0,113 N-m
Model 7483
Servo Mount with Ball Bearing



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com