Electronic Components Datasheet Search
  English  ▼

X  

AT10PK Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AT10PK
Description  10mm Square, Single-Turn, Through-Hole Sealed Cermet Attenuators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT10PK Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AT10PK Datasheet HTML 1Page - List of Unclassifed Manufacturers AT10PK Datasheet HTML 2Page - List of Unclassifed Manufacturers AT10PK Datasheet HTML 3Page - List of Unclassifed Manufacturers AT10PK Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
Part Numbering System
AT
PK
10
500
-
20S
20dB
Nominal Impedance Code: Expressed in ohms. A three digit code
where the first two digits are significant figures, and the third digit
indicates the number of zeros that follow these figures (i.e., 500 = 50
Ω;
750 = 75
Ω; 601 = 600Ω).
Shaft Length: 20S = 13mm Shaft with Knurled, Slotted End Style.
30S = 23mm Shaft with Knurled, Slotted End Style.
Blank = No shaft.
Nominal Attenuation: 6.5dB (
0.7 Attenuation Tolerance).
12dB (
1.1 Attenuation Tolerance).
20dB (
1.5 Attenuation Tolerance).
Dash: Use a dash, with no space before or after the dash, to separate
Style and Nominal Attenuation. Example: AT10PK-20dB20S500
Style: P
= PCB Mount, No Shaft, Rotor Flush with Housing,
3-Pin Triangular Pattern, Top Adjust.
S
= PCB Mount, No Shaft, Rotor Flush with Housing,
3-Pin Triangular Pattern, Side Adjust.
PK = PCB Mount, Plastic Shaft (available in 2 lengths),
3-Pin Triangular Pattern, Top Adjust Only.
Size: 10 = 10mm Square Housing.
TOCOS Series Name: AT = Attenuator.
AT10 Series
Soldering and Cleaning Guidelines
For soldering, cleaning and other information, refer to the Guidelines and Precautions.
Packaging
Standard:
Bulk Packaging
Quantity
100 pieces per box.
105



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com