Electronic Components Datasheet Search
  English  ▼

X  

DIR9001PW Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # DIR9001PW
Description  96-kHz, 24-Bit Digital Audio Interface Receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DIR9001PW Datasheet(HTML) 22 Page - Texas Instruments

Back Button DIR9001PW Datasheet HTML 18Page - Texas Instruments DIR9001PW Datasheet HTML 19Page - Texas Instruments DIR9001PW Datasheet HTML 20Page - Texas Instruments DIR9001PW Datasheet HTML 21Page - Texas Instruments DIR9001PW Datasheet HTML 22Page - Texas Instruments DIR9001PW Datasheet HTML 23Page - Texas Instruments DIR9001PW Datasheet HTML 24Page - Texas Instruments DIR9001PW Datasheet HTML 25Page - Texas Instruments DIR9001PW Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
www.ti.com
ERRORS AND ERROR PROCESSING
Error Output Description
ERROR Output
DIR9001
DetectedParityError
DataError
Parity Error Processing
DIR9001
SLES198 – DECEMBER 2006
Error detection and data error processing for PLL errors
• PLL responds with unlock for data in which the rule of biphase encoding is lost (biphase error and
frame-length error).
• PLL responds with unlock for data in which the preamble B, M, W can not be detected.
Error processing function and error output pins
• The DIR9001 has a data error detect function and an error output pin, ERROR.
• The ERROR pin is defined as the logical OR of data error and parity error detection.
• The ERROR rising edge is synchronized with CLKST.
• The ERROR falling edge is synchronized with LRCK.
The relationship between data error and detected parity error is shown in Figure 15.
Figure 15. ERROR Output
The state of the ERROR pin and the details of error are shown in Table 10.
Table 10. State of ERROR Output Pin
ERROR
DESCRIPTION
L
Lock state of PLL and nondetection of parity error
H
Unlock state of PLL or detection of parity error
Error detection and error processing for parity errors
• For PCM data, interpolation processing by previous data is performed.
• For non-PCM data, interpolation is not performed and data is directly output with no processing. (Non-PCM
data is data with channel-status data bit 1 = 1.)
The processing for parity error occurrence is shown in Figure 16.
22
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com