Electronic Components Datasheet Search
  English  ▼

X  

74AC244 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 74AC244
Description  Octal Buffer/Line Driver with 3-State Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74AC244 Datasheet(HTML) 3 Page - ON Semiconductor

  74AC244 Datasheet HTML 1Page - ON Semiconductor 74AC244 Datasheet HTML 2Page - ON Semiconductor 74AC244 Datasheet HTML 3Page - ON Semiconductor 74AC244 Datasheet HTML 4Page - ON Semiconductor 74AC244 Datasheet HTML 5Page - ON Semiconductor 74AC244 Datasheet HTML 6Page - ON Semiconductor 74AC244 Datasheet HTML 7Page - ON Semiconductor 74AC244 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC74AC244, MC74ACT244
http://onsemi.com
3
DC CHARACTERISTICS
74AC
74AC
Symbol
Parameter
VCC
(V)
TA = +25°C
TA =
–40
°C to
+85
°C
Unit
Conditions
Typ
Guaranteed Limits
VIH
Minimum High Level
3.0
1.5
2.1
2.1
VOUT = 0.1 V
g
Input Voltage
4.5
2.25
3.15
3.15
V
or VCC – 0.1 V
5.5
2.75
3.85
3.85
VIL
Maximum Low Level
3.0
1.5
0.9
0.9
VOUT = 0.1 V
Input Voltage
4.5
2.25
1.35
1.35
V
or VCC – 0.1 V
5.5
2.75
1.65
1.65
VOH
Minimum High Level
3.0
2.99
2.9
2.9
IOUT = –50 µA
g
Output Voltage
4.5
4.49
4.4
4.4
V
5.5
5.49
5.4
5.4
*VIN = VIL or VIH
3.0
–
2.56
2.46
V
–12 mA
4.5
–
3.86
3.76
V
IOH
–24 mA
5.5
–
4.86
4.76
–24 mA
VOL
Maximum Low Level
3.0
0.002
0.1
0.1
IOUT = 50 µA
Output Voltage
4.5
0.001
0.1
0.1
V
5.5
0.001
0.1
0.1
*VIN = VIL or VIH
3.0
–
0.36
0.44
V
12 mA
4.5
–
0.36
0.44
V
IOL
24 mA
5.5
–
0.36
0.44
24 mA
IIN
Maximum Input
55
–
±01
±10
µA
VI =VCC GND
Leakage Current
5.5
–
±0.1
±1.0
µA
VI = VCC, GND
IOZ
Maximum
VI (OE) = VIL, VIH
3–State
C
5.5
–
±0.5
±5.0
µA
VI = VCC, GND
Current
VO = VCC, GND
IOLD
†Minimum Dynamic
Ot
t C
t
5.5
–
–
75
mA
VOLD = 1.65 V Max
IOHD
Output Current
5.5
–
–
–75
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent
55
–
80
80
µA
VIN =VCC or GND
Q
Supply Current
5.5
–
8.0
80
µA
VIN = VCC or GND
*All outputs loaded; thresholds on input associated with output under test.
†Maximum test duration 2.0 ms, one output loaded at a time.
NOTE:
IIN and ICC @ 3.0 V are guaranteed to be less than or equal to the respective limit @ 5.5 V VCC.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com