Electronic Components Datasheet Search
  English  ▼

X  

AC244 Datasheet(PDF) 5 Page - ON Semiconductor

Part # AC244
Description  Octal Buffer/Line Driver with 3-State Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AC244 Datasheet(HTML) 5 Page - ON Semiconductor

  AC244 Datasheet HTML 1Page - ON Semiconductor AC244 Datasheet HTML 2Page - ON Semiconductor AC244 Datasheet HTML 3Page - ON Semiconductor AC244 Datasheet HTML 4Page - ON Semiconductor AC244 Datasheet HTML 5Page - ON Semiconductor AC244 Datasheet HTML 6Page - ON Semiconductor AC244 Datasheet HTML 7Page - ON Semiconductor AC244 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC74AC244, MC74ACT244
http://onsemi.com
5
AC CHARACTERISTICS (For Figures and Waveforms – See Section 3)
74ACT
74ACT
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
50
20
65
90
15
10 0
ns
3–5
tPLH
Pro agation Delay
Data to Output
5.0
2.0
6.5
9.0
1.5
10.0
ns
3–5
tPHL
Propagation Delay
50
20
70
90
15
10 0
ns
3–5
tPHL
Pro agation Delay
Data to Output
5.0
2.0
7.0
9.0
1.5
10.0
ns
3–5
tPZH
Output Enable Time
5.0
1.5
6.0
8.5
1.0
9.5
ns
3–7
tPZL
Output Enable Time
5.0
2.0
7.0
9.5
1.5
10.5
ns
3–8
tPHZ
Output Disable Time
5.0
2.0
7.0
9.5
1.5
10.5
ns
3–7
tPLZ
Output Disable Time
5.0
2.5
7.5
10.0
2.0
10.5
ns
3–8
*Voltage Range 5.0 V is 5.0 V
±0.5 V.
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
45
pF
VCC = 5.0 V
AC
244
ALYW
AC244
AWLYYWW
MC74AC244N
AWLYYWW
74AC244
AWLYWW
MARKING DIAGRAMS
PDIP–20
SO–20
TSSOP–20
EIAJ–20
ACT
244
ALYW
ACT244
AWLYYWW
MC74ACT244N
AWLYYWW
74ACT244
AWLYWW
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com