Electronic Components Datasheet Search
  English  ▼

X  

TAS3208 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3208
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3208 Datasheet(HTML) 5 Page - Texas Instruments

  TAS3208 Datasheet HTML 1Page - Texas Instruments TAS3208 Datasheet HTML 2Page - Texas Instruments TAS3208 Datasheet HTML 3Page - Texas Instruments TAS3208 Datasheet HTML 4Page - Texas Instruments TAS3208 Datasheet HTML 5Page - Texas Instruments TAS3208 Datasheet HTML 6Page - Texas Instruments TAS3208 Datasheet HTML 7Page - Texas Instruments TAS3208 Datasheet HTML 8Page - Texas Instruments TAS3208 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
TAS3208
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
SLES201A – JANUARY 2007 – REVISED FEBRUARY 2007
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
DVDD
Supply voltage range
–0.5
3.8
V
AVDD
Supply voltage range
–0.5
3.8
V
3.3-V TTL
–0.5
VDDS + 0.5
VI
Input voltage range
3.3-V analog
–0.5
AVDDS + 0.5
V
1.8-V LVCMOS
–0.5
AVDD + 0.5(2)
3.3-V TTL
–0.5
VDDS + 0.5
3.3-V analog
–0.5
AVDDS + 0.5
Voltage range applied to any output in the high-impedance
VO
V
or power-off state
1.8-V LVCMOS
–0.5
DVDD + 0.5(3)
1.8-V LVCMOS
–0.5
AVDD + 0.5(4)
IIK
Input clamp current
VI < 0 or VI > DVDD
±20
mA
IOK
Output clamp current
VO < 0 or VO > DVDD
±20
mA
Tstg
Storage temperature range
–65
150
°C
Lead temperature 1,6 mm (1/16 in) from case for 10 s
260
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
AVDD is an internal 1.8-V supply derived from a regulator in the CXD9890Q chip. Pin XTALI is the only CXD9890Q input that is
referenced to this 1.8-V logic supply. The absolute maximum rating listed is for reference; only a crystal should be connected to XTALI.
(3)
DVDD is an internal 1.8-V supply derived from regulators in the CXD9890Q chip. DVDD is routed to– DVDD_BYPASS_CAP – to provide
access to external filter capacitors, but should not be used to source power to external devices.
(4)
Pin XTALO is the only CXD9890Q output that is derived from the internal 1.8-V logic supply AVDD. The absolute maximum rating listed
is for reference; only a crystal should be connected to XTALO. AVDD is also routed to – AVDD_BYPASS_CAP – to provide access to
external filter capacitors, but should not be used to source power to external devices.
MIN
NOM
MAX
UNIT
DVDD
Digital supply voltage
3.0
3.3
3.6
V
AVDD
Analog supply voltage
3.3-V analog
3.0
3.3
3.6
V
3.3-V TTL
2.0
VIH
High-level input voltage
V
1.8-V LVCMOS (XTL_IN)
1.26
1.95
3.3-V TTL
0.8
VIL
Low-level input voltage
V
1.8-V LVCMOS (XTL_IN)
0.54
TA
Operating ambient air temperature (ensuring Parametric)
–20
25
70
°C
TJ
Operating junction temperature
–20
105
°C
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com