Electronic Components Datasheet Search
  English  ▼

X  

TAS3208YZPR Datasheet(PDF) 1 Page - Texas Instruments

Part # TAS3208YZPR
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3208YZPR Datasheet(HTML) 1 Page - Texas Instruments

  TAS3208YZPR Datasheet HTML 1Page - Texas Instruments TAS3208YZPR Datasheet HTML 2Page - Texas Instruments TAS3208YZPR Datasheet HTML 3Page - Texas Instruments TAS3208YZPR Datasheet HTML 4Page - Texas Instruments TAS3208YZPR Datasheet HTML 5Page - Texas Instruments TAS3208YZPR Datasheet HTML 6Page - Texas Instruments TAS3208YZPR Datasheet HTML 7Page - Texas Instruments TAS3208YZPR Datasheet HTML 8Page - Texas Instruments TAS3208YZPR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.ti.com
FEATURES
TAS3208
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
SLES201A – JANUARY 2007 – REVISED FEBRUARY 2007
–
135-MHz Operation
• Audio Input/Output
–
48-Bit Data Path With 76-Bit Accumulator
–
Three Synchronous Serial Audio Inputs
–
Hardware Single Cycle Multiplier (28
× 48)
(Six Channels)
–
Two Memory Loads and One Memory Store
–
Two Synchronous Serial Audio Outputs
Per Cycle
(Four Channels)
–
Usable 768 Data RAM Words (48 Bit),
–
Input and Output Data Formats: 16-, 20-, or
Usable 1K Coefficient RAM (28 Bit)
24-Bit Data Left, Right, and I2S
–
Usable 2.5K Program RAM
–
SPDIF Transmitter
–
360 mS @ 48KHz, 17280 Words 24-Bit
–
64
× Fs Bit Clock Rate
Delay Memory for Video Sync
–
512
× Fs XTAL Input for Master-Mode
• System Control Processor
Clock Rates
–
Embedded 8051 WARP Microprocessor
–
256
× Fs MCLKIN for Slave-Mode Clock
–
Programmable Using Standard 8051 C
Rates
Compilers
–
Ten Multiplexed Stereo Analog Inputs
–
16K Words of Program RAM (8 Bit)
Selectable Into One Stereo ADC and Three
–
Programmable Using Standard 8051 C
Stereo Line Outputs
Compilers
–
High-Quality 93 dB DNR (Typical) ADC
–
2048 Words of Data RAM (8 Bit)
Channel Performance (Two Channels)
–
256 Words of Internal RAM (8 Bit)
–
A Single Ended Analog Stereo Line
–
Programmable Functionality
Driver Output With 1 of 11 Selectable
• General Features
Inputs, 10-k
Ω, 100-pF Drive Capability
(Typical Output Level: 1-V RMS)
–
Easy to Use Control Interface
–
Three Stereo Audio DACs
–
I2C Serial Control Master and Slave
Interface
–
High-Quality 96-dB DNR (Typical) DAC
Channel Performance (Six Channels)
–
Control Interface Operational Without
External MCLK Input
–
Stereo Headphone Amplifier – 24 mW
Power Output Into 16
Ω, 100 pF
–
Single 3.3-V Power Supply
• Audio Digital Signal Processor
–
Integrated Regulators
–
Programmable Functionality
–
100-Pin TQFP Package
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS3208YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS3208 TI1-TAS3208 Datasheet
991Kb / 79P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3208I TI1-TAS3208I Datasheet
991Kb / 79P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3208IPZP TI1-TAS3208IPZP Datasheet
991Kb / 79P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3208IPZPR TI1-TAS3208IPZPR Datasheet
991Kb / 79P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3208PZP TI1-TAS3208PZP Datasheet
991Kb / 79P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
More results

Similar Description - TAS3208YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS3002 TI-TAS3002 Datasheet
350Kb / 74P
Digital Audio Processor With Codec
logo
Maxim Integrated Produc...
MAX5406 MAXIM-MAX5406 Datasheet
501Kb / 26P
Audio Processor with Pushbutton Interface
Rev 0; 5/06
logo
Texas Instruments
TAS3204 TI-TAS3204 Datasheet
1Mb / 72P
AUDIO DSP WITH ANALOG INTERFACE
logo
STMicroelectronics
STA330 STMICROELECTRONICS-STA330 Datasheet
832Kb / 55P
2.0 digital audio processor with FFX digital modulator and analog and digital inputs
12-Dec-2007
logo
Texas Instruments
TAS3308 TI-TAS3308 Datasheet
370Kb / 11P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3218 TI-TAS3218 Datasheet
1Mb / 78P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3218 TI-TAS3218_1 Datasheet
1Mb / 79P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3202 TI1-TAS3202 Datasheet
802Kb / 66P
AUDIO DSP WITH ANALOG INTERFACE
TAS3208 TI1-TAS3208_15 Datasheet
991Kb / 79P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
logo
Maxim Integrated Produc...
MAX5406 MAXIM-MAX5406_V01 Datasheet
2Mb / 25P
Audio Processor with Pushbutton Interface
19-3817; Rev 1; 4/14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com