Electronic Components Datasheet Search
  English  ▼

X  

ST485_068 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST485_068
Description  Low power RS-485/RS-422 transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST485_068 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST485_068 Datasheet HTML 3Page - STMicroelectronics ST485_068 Datasheet HTML 4Page - STMicroelectronics ST485_068 Datasheet HTML 5Page - STMicroelectronics ST485_068 Datasheet HTML 6Page - STMicroelectronics ST485_068 Datasheet HTML 7Page - STMicroelectronics ST485_068 Datasheet HTML 8Page - STMicroelectronics ST485_068 Datasheet HTML 9Page - STMicroelectronics ST485_068 Datasheet HTML 10Page - STMicroelectronics ST485_068 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ST485
Electrical characteristics
7/19
4.1
Driver switching characteristics
VCC = 5V ± 5%, TA = TMIN to TMAX , unless otherwise specified. Typical values are referred
to TA = 25°C
ICC
No Load Supply Current
(2)
VRE = 0V or VCC
VDE = VCC
VDE = 0V
400
300
900
500
900
500
µA
µA
IOSD1
Driver Short-Circuit
Current, VO=High
VO = -7 to 12V
(3)
35
250
35
250
mA
IOSD2
Driver Short-Circuit
Current, VO=Low
VO = -7 to 12V
(3)
35
250
35
250
mA
IOSR
Receiver Short-Circuit
Current
VO = 0V to VCC
795
7
95
mA
1.
All currents into device pins are positive; all cuttents out of device pins are negative; all voltages are referenced to device
ground unless specified.
2.
Supply current specification is valid for loaded transmitters when VDE = 0V
3.
Applies to peak current. See typical Operating Characteristics.
Table 5.
DC Electrical characteristics
Symbol
Parameter
Test conditions (1)
Value
Unit
-40 to 85 °C
-55 to 125 °C
Min
Typ
Max
Min
Max
Table 6.
Driver switching characteristics
Symbol
Parameter
Test conditions (1)
Value
Unit
-40 to 85 °C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
tPLH
tPHL
Propagation Delay
Input to Output
RDIFF = 54ΩCL1 = CL2 = 100pF
(See
Figure 4. and Figure 6.)
10
30
60
70
ns
tSK
Output Skew to Output
RDIFF = 54ΩCL1 = CL2 = 100pF
(See
Figure 4. and Figure 6.)
510
10
ns
tTLH
tTHL
Rise or Fall Time
RDIFF = 54ΩCL1 = CL2 = 100pF
(See
Figure 4. and Figure 6.)
315
40
3
45
ns
tPZH
Output Enable Time
CL = 100pFS2 = Closed
(See
Figure 5. and Figure 7.)
70
90
90
ns
tPZL
Output Enable Time
CL = 100pFS1 = Closed
(See
Figure 5. and Figure 7.)
70
90
90
ns
tPLZ
Output Disable Time
CL = 15pFS1 = Closed
(See
Figure 5. and Figure 7.)
70
90
90
ns
tPHZ
Output Disable Time
CL = 15pFS2 = Closed
(See
Figure 5. and Figure 7.)
70
90
90
ns
1.
All currents into device pins are positive; all cuttents out of device pins are negative; all voltages are referenced to device
ground unless specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com