Electronic Components Datasheet Search
  English  ▼

X  

25100UE Datasheet(PDF) 1 Page - Belden Inc.

Part # 25100UE
Description  Security & Sound, 2 Conductor 14 AWG BC, Armored
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

25100UE Datasheet(HTML) 1 Page - Belden Inc.

  25100UE Datasheet HTML 1Page - Belden Inc. 25100UE Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 25100UE
Security & Sound, 2 Conductor 14 AWG BC, Armored
Product Description
Security & Commercial Audio Cable, Armored, 2 Conductor 14 AWG stranded (19x27) bare copper conductors with polyolefin insulation, PVC jacket.
Technical Specifications
Construction Details
Conductor
Element
No. of Elements
Size
Stranding
Material
Conductor(s) 2
14 AWG 19x26
BC - Bare Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter Color Code
Conductor(s) PP - Polypropylene 0.011 in (0.28 mm) 0.092 in (2.3 mm)
Black, White
Outer Shield
Shield Type
Material
Coverage
Tape
Polyester 100%
Inner Jacket
Material
Nom. Thickness
Nom. Diameter
Color
PVC - Polyvinyl Chloride 0.017 in (0.43 mm) 0.230 in (5.84 mm) Brown
Armor
Armor Type & Material
Armor Thickness
Diameter Over Armor
AIA - Aluminum Interlock Armor 0.025 in (0.64 mm) 0.45 in (11 mm)
Overall Cable Diameter (Nominal): 0.45 in
Electrical Characteristics
Electricals
Nom. Conductor DCR Nom. Capacitance Cond-to-Cond
Max. Current
2.53 Ohm/1000ft
22 pF/ft (72 pF/m)
8 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V
Mechanical Characteristics
Temperature
UL Temperature
Operating
75°C
0°C To +75°C
Bend Radius
Stationary Min. Installation Min.
4.5 in (110 mm)
4.5 in


Similar Part No. - 25100UE

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
25100 ALPHAWIRE-25100 Datasheet
93Kb / 4P
Customer Specification
1/5/2023
logo
Turck, Inc.
25100 TURCK-25100 Datasheet
282Kb / 3P
Capacitive Sensor
11/07/2023
logo
Alpha Wire
25100-20 ALPHAWIRE-25100-20 Datasheet
395Kb / 4P
24 (7/32) AWG Tinned Copper
25100/15 ALPHAWIRE-25100/15 Datasheet
98Kb / 4P
Customer Specification
12/5/2022
25100/20 ALPHAWIRE-25100/20 Datasheet
98Kb / 4P
Customer SpecificationS
12/13/2022
More results

Similar Description - 25100UE

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5100UE BELDEN-5100UE Datasheet
266Kb / 2P
Security & Sound, 2 Conductor 14 AWG BC, CL3R, FPLR
4100FE BELDEN-4100FE Datasheet
173Kb / 2P
Security & Sound, 2 Conductor 14 AWG BC, LSZH, Shielded, Eca
03-04-2023
4100FLW BELDEN-4100FLW Datasheet
174Kb / 2P
Security & Sound, 2 Conductor 14 AWG BC, LSZH, Shielded, Cca
11-09-2022
4100ULW BELDEN-4100ULW Datasheet
174Kb / 2P
Security & Sound, 2 Conductor 14 AWG BC, LSZH, Cca
11-09-2022
5101FE BELDEN-5101FE Datasheet
177Kb / 2P
Security & Sound, 3 Conductor 14 AWG BC, CL3R
12-20-2022
4100UE BELDEN-4100UE Datasheet
176Kb / 2P
Security & Sound, 2 Conductor 14 AWG BC, LSZH, Eca
03-04-2023
6101UE BELDEN-6101UE Datasheet
148Kb / 2P
Security & Sound, 3 Conductor 14 AWG BC, CL2P
12-20-2022
25200UE BELDEN-25200UE Datasheet
143Kb / 2P
Security & Sound, 2 Conductor 16 AWG BC, Armored
12-20-2022
6100FE BELDEN-6100FE Datasheet
171Kb / 2P
Security & Sound, 2 Conductor 14 AWG BC, Shielded, CL2P
03-29-2023
6100UE BELDEN-6100UE Datasheet
148Kb / 2P
Security & Sound, 2 Conductor 14 AWG BC, CL2P
04-28-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com