Electronic Components Datasheet Search
  English  ▼

X  

MAS9078BTB4 Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS9078BTB4
Description  AM Receiver IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9078BTB4 Datasheet(HTML) 1 Page - Micro Analog systems

  MAS9078BTB4 Datasheet HTML 1Page - Micro Analog systems MAS9078BTB4 Datasheet HTML 2Page - Micro Analog systems MAS9078BTB4 Datasheet HTML 3Page - Micro Analog systems MAS9078BTB4 Datasheet HTML 4Page - Micro Analog systems MAS9078BTB4 Datasheet HTML 5Page - Micro Analog systems MAS9078BTB4 Datasheet HTML 6Page - Micro Analog systems MAS9078BTB4 Datasheet HTML 7Page - Micro Analog systems MAS9078BTB4 Datasheet HTML 8Page - Micro Analog systems MAS9078BTB4 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DA9078.003
28 January 2004
1 (10)
MAS9078
AM Receiver IC
• High Sensitivity
• Very Low Power Consumption
• Wide Supply Voltage Range
• Power Down Control
• Control for AGC On
• High Selectivity by Crystal Filter
• Fast Startup Feature
DESCRIPTION
The MAS9078 AM-Receiver chip is a highly
sensitive, simple to use AM receiver specially
intended to receive time signals in the frequency
range from 40 kHz to 100 kHz. Only a few external
components are required for time signal receiver.
The circuit has preamplifier, wide range automatic
gain control, demodulator and output comparator
built in. The output signal can be processed directly
by an additional digital circuitry to extract the data
from the received signal. The control for AGC
(automatic gain control) can be used to switch AGC
on or off if necessary. Unlike MAS1016A and
MAS1016B, MAS9078 does not require AGC control
procedure in WWVB and JJY systems.
FEATURES
APPLICATIONS
•
Highly Sensitive AM Receiver, 0.4
µVRMS typ.
•
Wide Supply Voltage Range from 1.1 V to 3.6 V
•
Very Low Power Consumption
•
Power Down Control
•
Fast Startup
•
Only a Few External Components Necessary
•
Control for AGC On
•
Wide Frequency Range from 40 kHz to 100 kHz
•
High Selectivity by Quartz Crystal Filter
•
Die and TSSOP-16 Package
•
Time Signal Receiver WWVB (USA), JJY (Japan),
DCF77 (Germany) and MSF (UK)
•
Receiver for ASK Modulated Data Signals
BLOCK DIAGRAM
AGC Amplifier
Demodulator
&
Comparator
Power Supply/Biasing
RFI
OUT
QI
QO
PDN
VDD
VSS
AGC
DEC
AON (=AGC on)


Similar Part No. - MAS9078BTB4

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9079 MAS-MAS9079 Datasheet
163Kb / 9P
AM Receiver IC
MAS9079A1TC00 MAS-MAS9079A1TC00 Datasheet
163Kb / 9P
AM Receiver IC
MAS9079A2TC00 MAS-MAS9079A2TC00 Datasheet
163Kb / 9P
AM Receiver IC
MAS9079A3TC00 MAS-MAS9079A3TC00 Datasheet
163Kb / 9P
AM Receiver IC
MAS9079A4TC00 MAS-MAS9079A4TC00 Datasheet
163Kb / 9P
AM Receiver IC
More results

Similar Description - MAS9078BTB4

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9079 MAS-MAS9079 Datasheet
163Kb / 9P
AM Receiver IC
MAS1017 MAS-MAS1017 Datasheet
151Kb / 6P
AM Receiver IC
MAS6179 MAS-MAS6179 Datasheet
130Kb / 10P
AM Receiver IC
MAS6180 MAS-MAS6180 Datasheet
128Kb / 9P
AM Receiver IC
MAS9179 MAS-MAS9179 Datasheet
164Kb / 9P
AM Receiver IC
MAS6180B MAS-MAS6180B Datasheet
327Kb / 14P
AM Receiver IC
MAS6181B MAS-MAS6181B Datasheet
225Kb / 15P
AM Receiver IC
MAS6181B MAS-MAS6181B_14 Datasheet
214Kb / 14P
AM Receiver IC
MAS6180C MAS-MAS6180C_14 Datasheet
279Kb / 12P
AM Receiver IC
MAS6180B MAS-MAS6180B_14 Datasheet
307Kb / 13P
AM Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com