Electronic Components Datasheet Search
  English  ▼

X  

79002FS Datasheet(PDF) 1 Page - Belden Inc.

Part # 79002FS
Description  SAFE-T-Line® Red 2 x 2.5 mm2 LPCB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

79002FS Datasheet(HTML) 1 Page - Belden Inc.

  79002FS Datasheet HTML 1Page - Belden Inc. 79002FS Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 79002FS
SAFE-T-Line® Red 2 x 2.5 mm2 LPCB
Product Description
Safe-T-Line 2 x 2.5 mm2 Fire resistant LPCB approved Multi-conductor, BS 6387 CWZ, EN 50200 PH120, Shielded, Silicone Rubber insulation, Low Smoke
Zero Halogen Jacket
Technical Specifications
Product Overview
Suitable Applications:
Circuit integrity, Intercom/PA Systems, Sound/Audio Systems, Control Systems
Construction Details
Conductor
Size
Stranding
Material
2.5 mm² Solid
BC - Bare Copper
Insulation
Material
Color Code
Notes
Silicone Rubber Brown, Blue BS7655 EI2
Outer Shield
Shield Type
Material
Coverage
Notes
Tape
Bi-Laminate (Alum+Poly) 100%
Drainwire 0.8mm tinned copper
Table Notes:
Tape bonded to sheath
Outer Jacket
Material
Nom. Diameter
LSZH - Low Smoke Zero Halogen (Flame Retardant) 9.2 mm (0.36 in)
Overall Cable Diameter (Nominal):
9.2 mm (0.36 in)
Electrical Characteristics
Electricals
Nom. Conductor DCR
Max. Conductor DCR
Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Other (Conds + Shield)
7.41 Ohm/km (2.26 Ohm/1000ft) 7.33 Ohm/km (2.23 Ohm/1000ft) 80 pF/m (24 pF/ft)
145 pF/m (44.2 pF/ft)
Mechanical Characteristics
Temperature
Operating
Installation
Storage
-40°C To +90°C 0°C To +70°C -40°C To +90°C
Bend Radius
Installation Min.
55 mm (2.2 in)
Standards and Compliance
Flammability / Reaction to Fire:
IEC 60332-1-2, IEC 60332-3-24, IEC 60332-3-25, EN50200 PH30, PH60,PH120. EN50200 Annex E30, BS6387:2013 CWZ


Similar Part No. - 79002FS

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
79002 ALPHAWIRE-79002 Datasheet
407Kb / 4P
20 (10/30) AWG Tinned Copper
logo
SICK AG
7900227 SICK-7900227 Datasheet
556Kb / 5P
INDUCTIVE PROXIMITY SENSORS
7900278 SICK-7900278 Datasheet
845Kb / 6P
MAGNETIC PROXIMITY SENSORS
7900279 SICK-7900279 Datasheet
845Kb / 6P
MAGNETIC PROXIMITY SENSORS
7900280 SICK-7900280 Datasheet
1Mb / 7P
MAGNETIC PROXIMITY SENSORS
More results

Similar Description - 79002FS

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
ODD-3W-2 OPTODIODE-ODD-3W-2 Datasheet
459Kb / 2P
RED ENHANCED 3.1 MM2 X 2 BI-CELL PHOTODIODE
logo
List of Unclassifed Man...
E2508-BLUE ETC2-E2508-BLUE Datasheet
104Kb / 1P
Cable Ferrule - Insulated 2.5 mm2
logo
OptoDiode Corp
SXUV5 OPTODIODE-SXUV5_15 Datasheet
364Kb / 2P
PHOTODIODE 2.5 mm2
logo
Lapp.
2170204 LAPP-2170204 Datasheet
231Kb / 2P
UNITRONIC® BUS LD 2x2x0,22 mm2
01.03.2021
2170208 LAPP-2170208 Datasheet
249Kb / 2P
UNITRONIC® BUS 1BS P COMBI 3x2x0,22 mm2 3x1,0 mm2
15.07.2020
logo
Belden Inc.
79003FS BELDEN-79003FS Datasheet
138Kb / 2P
SAFE-T-Line® Red 3 x 1.5 mm2 LPCB
03-14-2023
79005FS BELDEN-79005FS Datasheet
139Kb / 2P
SAFE-T-Line® Red 4 x 1.5 mm2 LPCB
03-14-2023
79006FS BELDEN-79006FS Datasheet
139Kb / 2P
SAFE-T-Line® Red 4 x 2.5 mm2 LPCB
03-14-2023
79001FS BELDEN-79001FS Datasheet
181Kb / 2P
SAFE-T-Line® Red 2 x 1.5 mm2 LPCB
04-19-2023
79004FS BELDEN-79004FS Datasheet
138Kb / 2P
SAFE-T-Line® Red 3 x 2.5 mm2 LPCB
03-14-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com