Electronic Components Datasheet Search
  English  ▼

X  

9718 Datasheet(PDF) 1 Page - Belden Inc.

Part # 9718
Description  Speaker Cable, 2 Conductor 12 AWG BC, Unshielded, CM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9718 Datasheet(HTML) 1 Page - Belden Inc.

  9718 Datasheet HTML 1Page - Belden Inc. 9718 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 9718
Speaker Cable, 2 Conductor 12 AWG BC, Unshielded, CM
Product Description
12 AWG stranded (65x30) ETP high-conductivity copper conductors, PVC insulation, parallel: (1) tinned, (1) bare.
Technical Specifications
Product Overview
Suitable Applications:
Speaker Cable
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
No. of Conductors
12
65x30
TC - Tinned Copper (High Conductivity) 1
12
65x30
BC - Bare Copper
1
Conductor Count:
2
Insulation
Material
Nominal Wall Thickness
PVC - Polyvinyl Chloride 0.045 in
Outer Shield
Material
No Shield
Outer Jacket
Material
Nominal Diameter
PVC - Polyvinyl Chloride 0.185 x 0.37 in
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR
1.75 Ohm/1000ft
Inductance
Nominal Inductance
0.2 µH/ft
Current
Max. Recommended Current [A]
13 Amps per Conductor at 25ºC
Voltage
Non-UL Voltage Rating
300 V RMS
Temperature Range


Similar Part No. - 9718

ManufacturerPart #DatasheetDescription
logo
Heyco.
9718 HEYCO-9718 Datasheet
93Kb / 1P
Drive Fasteners
logo
Time Electronics Ltd.
9718 TIME-ELECTRONICS-9718 Datasheet
1Mb / 2P
5011 Resistance and Temperature Calibrator
06/22
9718 TIME-ELECTRONICS-9718 Datasheet
514Kb / 2P
5018 Programmable DC-AC V-I Calibrator
06/22
logo
Wurth Elektronik GmbH &...
971800321 WURTH-971800321 Datasheet
74Kb / 2P
AsSSTIE Steel Spacer Stud Metric Thread int./ext.
971800471 WURTH-971800471 Datasheet
74Kb / 2P
AsSSTIE Steel Spacer Stud Metric Thread int./ext.
More results

Similar Description - 9718

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8782 BELDEN-8782 Datasheet
143Kb / 2P
Speaker Cable, 2 Conductor 24 AWG BC, Unshielded, CM
01-20-2023
8810 BELDEN-8810 Datasheet
150Kb / 2P
Speaker Cable, 2 Conductor 10 AWG BC, Unshielded, CM
04-14-2023
8814 BELDEN-8814 Datasheet
155Kb / 2P
Speaker Cable, 2 Conductor 14 AWG BC, Unshielded, CM
04-14-2023
9716 BELDEN-9716 Datasheet
145Kb / 2P
Speaker Cable, 2 Conductor 16 AWG BC, Unshielded, CM
12-19-2022
9717 BELDEN-9717 Datasheet
146Kb / 2P
Speaker Cable, 2 Conductor 14 AWG BC, Unshielded, CM
12-20-2022
1860A BELDEN-1860A Datasheet
157Kb / 2P
Speaker Cable, 2 Conductor 12 AWG BC, Unshielded, CMP
12-19-2022
8649 BELDEN-8649 Datasheet
151Kb / 2P
Speaker Cable, 2 Conductor 20 AWG BC, Unshielded, CM
12-19-2022
8812 BELDEN-8812 Datasheet
155Kb / 2P
Speaker Cable, 2 Conductor 12 AWG BC, Unshielded, CM
04-14-2023
9151 BELDEN-9151 Datasheet
154Kb / 2P
Speaker Cable, 2 Conductor 22 AWG BC, Unshielded, CM
12-20-2022
9712 BELDEN-9712 Datasheet
144Kb / 2P
Speaker Cable, 2 Conductor 22 AWG BC, Unshielded, CM
12-20-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com