Electronic Components Datasheet Search
  English  ▼

X  

MAX706AP Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX706AP
Description  3V Voltage Monitoring, Low-Cost uP Supervisory Circuits
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX706AP Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX706AP Datasheet HTML 1Page - Maxim Integrated Products MAX706AP Datasheet HTML 2Page - Maxim Integrated Products MAX706AP Datasheet HTML 3Page - Maxim Integrated Products MAX706AP Datasheet HTML 4Page - Maxim Integrated Products MAX706AP Datasheet HTML 5Page - Maxim Integrated Products MAX706AP Datasheet HTML 6Page - Maxim Integrated Products MAX706AP Datasheet HTML 7Page - Maxim Integrated Products MAX706AP Datasheet HTML 8Page - Maxim Integrated Products MAX706AP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
+3V Voltage Monitoring, Low-Cost µP
Supervisory Circuits
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(MAX70_P/R, MAX706AP/AR: VCC = 2.7V to 5.5V; MAX70_S, MAX706AS: VCC = 3.0V to 5.5V; MAX70_T, MAX706AT: VCC = 3.15V to
5.5V; TJ = TA = TMIN to TMAX, unless otherwise noted. Typical values are at TJ = TA = +25°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Terminal Voltage (with respect to GND)
VCC ........................................................................-0.3V to +6V
All Other Inputs (Note 1)..........................-0.3V to (VCC + 0.3V)
Input Current
VCC ..................................................................................20mA
GND .................................................................................20mA
Output Current (all outputs) ................................................20mA
Continuous Power Dissipation (TA = +70°C)
8-Pin CERDIP (derate 8mW/°C above +70°C)..............640mW
8-Pin PDIP (derate 9.1mW/°C above +70°C).............727.3mW
8-Pin SO (derate 5.9mW/°C above +70°C)................470.6mW
8-Pin µMAX (derate 4.5mW/oC above +70°C) ..............362mW
Operating Temperature Range
MAX70_C .............................................................0°C to +70°C
MAX70_E ..........................................................-40°C to +85°C
MAX70_M .......................................................-55°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Note 1: The input-voltage limits on PFI, WDI, and MR can be exceeded if the input current is less than 10mA.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX70_C
1.0
5.5
Supply Voltage Range
VCC
MAX70_E/M
1.2
5.5
V
MAX706_C
90
200
MAX706_E/M
90
300
MAX708_C
50
200
VCC < 3.6V
MAX708_E/M
50
300
MAX706_C
135
350
MAX706_E/M
135
500
MAX708_C
65
350
Supply Current
ISUPPLY
VCC < 5.5V
MAX708_E/M
65
500
µA
MAX70_P/R/, MAX706AP/AR
2.55
2.63
2.70
MAX70_S, MAX706AS
2.85
2.93
3.00
Reset Threshold (Note 3)
(VCC Falling)
VRST
MAX70_T, MAX706AT
3.00
3.08
3.15
V
Reset Threshold Hysteresis
(Note 3)
VHYS
20
mV
MAX70_P/R/, MAX706AP/AR VCC = 3.0V
140
200
280
MAX70_S, MAX706AS, VCC = 3.3V
140
200
280
Reset Pulse Width (Note 3)
tRST
VCC = 5V
200
ms
RESET OUTPUT
VOH
VRST(MAX) < VCC < 3.6V ISOURCE = 500µA
0.8 x
VCC
VOL
VRST(MAX) < VCC < 3.6V ISINK = 1.2mA
0.3
VOH
4.5V < VCC < 5.5V
IRSOURCE =
800µA
VCC -
1.5
VOL
4.5V < VCC < 5.5V
ISINK = 3.2mA
0.4
MAX70_C VCC = 1.0V, ISINK = 50µA
0.3
Output-Voltage High
(MAX70_R/S/T)
(MAX706AR/AS/AT)
VOL
MAX70_E/M: VCC = 1.2V, ISINK = 100µA
0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com