Electronic Components Datasheet Search
  English  ▼

X  

L6926D1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6926D1
Description  High efficiency monolithic synchronous step down regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6926D1 Datasheet(HTML) 4 Page - STMicroelectronics

  L6926D1 Datasheet HTML 1Page - STMicroelectronics L6926D1 Datasheet HTML 2Page - STMicroelectronics L6926D1 Datasheet HTML 3Page - STMicroelectronics L6926D1 Datasheet HTML 4Page - STMicroelectronics L6926D1 Datasheet HTML 5Page - STMicroelectronics L6926D1 Datasheet HTML 6Page - STMicroelectronics L6926D1 Datasheet HTML 7Page - STMicroelectronics L6926D1 Datasheet HTML 8Page - STMicroelectronics L6926D1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Maximum ratings
L6926
4/17
2
Maximum ratings
2.1
Absolute maximum ratings
2.2
Thermal data
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
V6
Input voltage
-0.3 to 6
V
V5
Output switching voltage
-1 to VCC
V
V1
Shutdown
-0.3 to VCC
V
V3
Feedback voltage
-0.3 to VCC
V
V2
Error amplifier output voltage
-0.3 to VCC
V
V8
PGOOD
-0.3 to VCC
V
V7
Synchronization mode selector
-0.3 to VCC
V
Ptot
Power dissipation at TA = 70° C0.45
W
TJ
Junction operating temperature range
-40 to 150
° C
Tstg
Storage temperature range
-65 to 150
° C
LX Pin
Maximum Withstanding Voltage Range Test Condition:
CDF-AEC-Q100-002- “Human Body Model”
Acceptance Criteria: “Normal Performance’
±1000
V
Other pins
±2000
V
Table 3. Thermal data
Symbol
Parameter
Value
Unit
RthJA
Maximum thermal resistance junction-ambient for MSOP8
180
° C/W
Maximum thermal resistance junction-ambient for VFQFPN8
56
° C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com