Electronic Components Datasheet Search
  English  ▼

X  

ST173C10CDP1P Datasheet(PDF) 8 Page - International Rectifier

Part # ST173C10CDP1P
Description  INVERTER GRADE THYRISTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST173C10CDP1P Datasheet(HTML) 8 Page - International Rectifier

  ST173C10CDP1P Datasheet HTML 1Page - International Rectifier ST173C10CDP1P Datasheet HTML 2Page - International Rectifier ST173C10CDP1P Datasheet HTML 3Page - International Rectifier ST173C10CDP1P Datasheet HTML 4Page - International Rectifier ST173C10CDP1P Datasheet HTML 5Page - International Rectifier ST173C10CDP1P Datasheet HTML 6Page - International Rectifier ST173C10CDP1P Datasheet HTML 7Page - International Rectifier ST173C10CDP1P Datasheet HTML 8Page - International Rectifier ST173C10CDP1P Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ST173CPbF Series
8
Bulletin I25233 10/06
www.irf.com
Fig. 16 - Maximum On-state Energy Power Loss Characteristics
Fig. 15 - Frequency Characteristics
Fig. 14 - Frequency Characteristics
1E1
1E2
1E3
1E4
1E11E2
1E31E4
50 Hz
400
2500
100
Pulse Basewidth (µs)
1000
1500
3000
200
500
5000
ST173C..C Series
Trapezoid al pulse
T = 40°C
di/d t = 100A/µs
C
Snub ber c irc uit
R = 47 ohms
C
= 0.22 µF
V
= 80%V
s
s
D
DRM
tp
10000
1E4 1E1
1E2
1E3
1E4
50 Hz
400
2500
100
Pulse Basewid th (µs)
1000
1500
200
500
ST173C..C Series
Trap ezoid al p ulse
T = 55°C
d i/ d t = 100A/ µs
C
3000
Snub ber c irc uit
R = 47 ohms
C
= 0.22 µF
V
= 80%V
s
s
D
DRM
tp
5000
10000
1E1
1E1
1E2
1E3
1E4
50 Hz
400
2500
100
Pulse Basewidth (µs)
1000
1500
2000
200
500
ST173C..C Series
Tra pezoida l pulse
T = 55°C
d i/dt = 50A/µs
C
Snubber circ uit
R = 47 ohms
C
= 0.22 µF
V
= 80% V
s
s
D
DRM
tp
3000
5000
1E1
1E2
1E3
1E4
1E11E2
1E31E4
50 Hz
400
2500
100
1000
1500
2000
3000
200
500
Pulse Basewidth (µs)
ST173C..C Series
Trap ezoid al p ulse
T = 40°C
di/ d t = 50A/ µs
C
Snub b er circ uit
R = 47 ohms
C
= 0.22 µF
V
= 80% V
s
s
D
DRM
tp
5000
1E4
1E1
1E2
1E3
1E4
Pulse Basewidth (µs)
20 joules p er pulse
1
0.5
0.3
0.2
0.1
ST173C..C Series
Rectangular pulse
di/ dt = 50A/ µs
10
5
3
tp
2
1E1
1E1
1E2
1E3
1E4
1E5
1E1
1E2
1E3
1E4
Pulse Basewidth (µs)
20 joules p er p ulse
2
1
0.5
0.3
0.2
0.1
10
5
3
ST173C..C Series
Sinusoida l pulse
tp
1E4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com