Electronic Components Datasheet Search
  English  ▼

X  

L6926D1013TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6926D1013TR
Description  High efficiency monolithic synchronous step down regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6926D1013TR Datasheet(HTML) 1 Page - STMicroelectronics

  L6926D1013TR Datasheet HTML 1Page - STMicroelectronics L6926D1013TR Datasheet HTML 2Page - STMicroelectronics L6926D1013TR Datasheet HTML 3Page - STMicroelectronics L6926D1013TR Datasheet HTML 4Page - STMicroelectronics L6926D1013TR Datasheet HTML 5Page - STMicroelectronics L6926D1013TR Datasheet HTML 6Page - STMicroelectronics L6926D1013TR Datasheet HTML 7Page - STMicroelectronics L6926D1013TR Datasheet HTML 8Page - STMicroelectronics L6926D1013TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
October 2006
Rev 7
1/17
17
L6926
High efficiency monolithic synchronous step down regulator
General features
■ 2V to 5.5V battery input range
■ High efficiency: up to 95%
■ Internal synchronous switch
■ No external schottky required
■ Extremely low quiescent current
■ 1mA max shutdown supply current
■ 800mA max output current
■ Adjustable output voltage from 0.6V
■ Low drop-out operation: up to 100% duty cycle
■ Selectable low noise/low consumption mode at
light load
■ Power good signal
■ ±1% output voltage accuracy
■ Current-mode control
■ 600kHz switching frequency
■ Externally synchronizable
from 500kHz to 1.4MHz
■ OVP
■ Short circuit protection
Applications
■ Battery-powered equipments
■ Portable instruments
■ Cellular phones
■ PDAs and hand held terminals
■ DSC
■ GPS
Description
The device is dc-dc monolithic regulator
specifically designed to provide extremely high
efficiency.
L6926 supply voltage can be as low as 2V
allowing its use in single Li-ion cell supplied
applications. Output voltage can be selected by
an external divider down to 0.6V.
Duty Cycle can saturate to 100% allowing low
drop-out operation.
The device is based on a 600kHz fixed-frequency,
current mode-architecture. Low Consumption
Mode operation can be selected at light load
conditions, allowing switching losses to be
reduced. L6926 is externally synchronizable with
a clock which makes it useful in noise-sensitive
applications. Other features like Powergood,
Overvoltage protection, Shortcircuit protection
and Thermal Shutdown (150°C) are also present.
VFSON8
MSOP8
VFQFPN8
(3x4.9x1mm)
(3x3x1.0mm)
www.st.com
Application test circuit
L 6.8
µH
SYNC
LX
VFB
C1
10
µF
6.3V
C2
220pF
C4
10
µF
6.3V
R2
200K
R3
500K
R1
100K
VIN=2V to 5.5V
VOUT=1.8V
VCC
RUN
COMP
GND
PGOOD
D01IN1305
7
6
1
8
3
5
24


Similar Part No. - L6926D1013TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6926D1013TR STMICROELECTRONICS-L6926D1013TR Datasheet
119Kb / 11P
HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
Nov-2004
More results

Similar Description - L6926D1013TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6925D STMICROELECTRONICS-L6925D Datasheet
57Kb / 5P
HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
Sep-2003
L6926D STMICROELECTRONICS-L6926D Datasheet
90Kb / 8P
HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
May-2003
logo
Linear Technology
LTC1877 LINER-LTC1877 Datasheet
225Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Regulator
LTC1878 LINER-LTC1878 Datasheet
225Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Regulator
logo
STMicroelectronics
L6928D STMICROELECTRONICS-L6928D Datasheet
197Kb / 9P
HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
Rev. 2
L6928 STMICROELECTRONICS-L6928 Datasheet
191Kb / 16P
High efficiency monolithic synchronous step down regulator
27-Oct-2006
L6925D STMICROELECTRONICS-L6925D_04 Datasheet
57Kb / 6P
HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
Sep-2004
L6926 STMICROELECTRONICS-L6926_08 Datasheet
260Kb / 16P
High efficiency monolithic synchronous step down regulator
16-Sep-2008
L6928 STMICROELECTRONICS-L6928_11 Datasheet
194Kb / 16P
High efficiency monolithic synchronous step down regulator
11-Apr-2011
logo
Linear Technology
LTC1878 LINER-LTC1878_15 Datasheet
239Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com