Electronic Components Datasheet Search
  English  ▼

X  

ST173C12CEP1P Datasheet(PDF) 7 Page - International Rectifier

Part # ST173C12CEP1P
Description  INVERTER GRADE THYRISTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST173C12CEP1P Datasheet(HTML) 7 Page - International Rectifier

  ST173C12CEP1P Datasheet HTML 1Page - International Rectifier ST173C12CEP1P Datasheet HTML 2Page - International Rectifier ST173C12CEP1P Datasheet HTML 3Page - International Rectifier ST173C12CEP1P Datasheet HTML 4Page - International Rectifier ST173C12CEP1P Datasheet HTML 5Page - International Rectifier ST173C12CEP1P Datasheet HTML 6Page - International Rectifier ST173C12CEP1P Datasheet HTML 7Page - International Rectifier ST173C12CEP1P Datasheet HTML 8Page - International Rectifier ST173C12CEP1P Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ST173CPbF Series
7
Bulletin I25233 10/06
www.irf.com
Fig. 9 - On-state Voltage Drop Characteristics
Fig. 10 - Thermal Impedance Z
thJ-hs
Characteris-
tics
Fig. 11 - Reverse Recovered Charge Characteristics
Fig. 12 - Reverse Recovery Current Characteristics
Fig. 13 - Frequency Characteristics
100
1000
10000
11.522.5
33.544.5
T = 25°C
InstantaneousOn-state Voltage (V)
T = 125°C
J
ST173C..C Series
J
0
50
100
150
200
250
0
20
406080
100
I
= 500 A
300 A
200 A
100 A
50 A
Rate Of Fall Of On-state Current - di/ dt (A/ µs)
ST173C..C Series
T = 125 °C
J
TM
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
ST173C..C Series
Steady State Value
R
= 0.17 K/ W
(Single Side Cooled)
R
= 0.08 K/ W
(Double Side Cooled)
(DC Operation)
thJ-hs
thJ-hs
1E2
1E3
1E4
1E11E2
1E31E4
50 Hz
400
2500
100
Pulse Basewidth (µs)
1000
1500
3000
200
500
5000
ST173C..C Series
Sinusoida l pulse
T = 40°C
C
Snubber circ uit
R = 47 ohms
C
= 0.22 µF
V
= 80% V
s
s
D
DRM
tp
1E4 1E1
1E2
1E3
1E4
50 Hz
400
2500
100
Pulse Basewidth (µs)
1000
1500
3000
200
500
5000
ST173C..C Series
Sinusoid al pulse
T = 55°C
C
Snub ber c ircuit
R = 47 ohms
C
= 0.22 µF
V
= 80%V
s
s
D
DRM
tp
1E1
0
20
40
60
80
100
120
140
160
0
20406080
100
Rate Of Fall Of Forward Current - di/ dt (A/ µs)
I
= 500 A
300 A
200 A
100 A
50 A
ST173C..C Series
T = 125 °C
J
TM



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com