Electronic Components Datasheet Search
  English  ▼

X  

CD54HC191 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC191
Description  SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC191 Datasheet(HTML) 15 Page - Texas Instruments

Back Button CD54HC191 Datasheet HTML 11Page - Texas Instruments CD54HC191 Datasheet HTML 12Page - Texas Instruments CD54HC191 Datasheet HTML 13Page - Texas Instruments CD54HC191 Datasheet HTML 14Page - Texas Instruments CD54HC191 Datasheet HTML 15Page - Texas Instruments CD54HC191 Datasheet HTML 16Page - Texas Instruments CD54HC191 Datasheet HTML 17Page - Texas Instruments CD54HC191 Datasheet HTML 18Page - Texas Instruments CD54HC191 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
CD54HC190, CD74HC190
CD54HC191, CD74HC191, CD54HCT191, CD74HCT191
SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
SCHS275E − MARCH 2002 − REVISED OCTOBER 2003
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
’HCT191
timing requirements over recommended operating free-air temperature range VCC = 4.5 V (unless
otherwise noted) (see Figure 5)
TA = 25°C
TA = −55°C
TO 125
°C
TA = −40°C
TO 85
°C
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
30
20
25
MHz
tw
Pulse duration
LOAD low
16
24
20
ns
tw
Pulse duration
CLK high or low
20
30
25
ns
Data before LOAD
↑
12
18
15
tsu
Setup time
CTEN before CLK
↑
12
18
15
ns
tsu
Setup time
D/U before CLK
↑
18
27
23
ns
Data before LOAD
↑
2
2
2
th
Hold time
CTEN before CLK
↑
2
2
2
ns
th
Hold time
D/U before CLK
↑
0
0
0
ns
trec
Recovery time
LOAD inactive before CLK
↑
12
18
15
ns
’HCT191
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 5)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
VCC
TA = 25°C
TA = −55°C
TO 125
°C
TA = −40°C
TO 85
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
4.5 V
30
20
25
MHz
LOAD
Q
CL = 50 pF
4.5 V
40
60
50
LOAD
Q
CL = 15 pF
5 V
17
A, B, C,
Q
CL = 50 pF
4.5 V
38
57
48
A, B, C,
or D
Q
CL = 15 pF
5 V
16
CLK
RCO
CL = 50 pF
4.5 V
35
53
44
CLK
RCO
CL = 15 pF
5 V
14
CLK
Q
CL = 50 pF
4.5 V
27
41
34
tpd
CLK
Q
CL = 15 pF
5 V
11
ns
tpd
CLK
MAX/MIN
CL = 50 pF
4.5 V
42
63
53
ns
CLK
MAX/MIN
CL = 15 pF
5 V
18
D/U
RCO
CL = 50 pF
4.5 V
30
45
38
D/U
RCO
CL = 15 pF
5 V
12
D/U
MAX/MIN
CL = 50 pF
4.5 V
38
57
48
D/U
MAX/MIN
CL = 15 pF
5 V
16
CTEN
RCO
CL = 50 pF
4.5 V
27
41
34
CTEN
RCO
CL = 15 pF
5 V
11
tt
Any
CL = 50 pF
4.5 V
15
22
19
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com