Electronic Components Datasheet Search
  English  ▼

X  

TF11B Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TF11B
Description  Overture TM Audio Power Amplifier Series High-Performance 68W Audio Power Amplifier w/Mute
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TF11B Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button TF11B Datasheet HTML 4Page - National Semiconductor (TI) TF11B Datasheet HTML 5Page - National Semiconductor (TI) TF11B Datasheet HTML 6Page - National Semiconductor (TI) TF11B Datasheet HTML 7Page - National Semiconductor (TI) TF11B Datasheet HTML 8Page - National Semiconductor (TI) TF11B Datasheet HTML 9Page - National Semiconductor (TI) TF11B Datasheet HTML 10Page - National Semiconductor (TI) TF11B Datasheet HTML 11Page - National Semiconductor (TI) TF11B Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
External Components Description
(Figure 1 and Figure 2)
Components
Functional Description
1.
R
IN
Acts as a volume control by setting the voltage level allowed to the amplifier’s input terminals.
2.
R
A
Provides DC voltage biasing for the single supply operation and bias current for the positive input terminal.
3.
C
A
Provides bias filtering.
4.
C
Provides AC coupling at the input and output of the amplifier for single supply operation.
5.
R
B
Prevents currents from entering the amplifier’s non-inverting input which may be passed through to the load
upon power-down of the system due to the low input impedance of the circuitry when the under-voltage
circuitry is off. This phenomenon occurs when the supply voltages are below 1.5V.
6.
C
C
(Note 17)
Reduces the gain (bandwidth of the amplifier) at high frequencies to avoid quasi-saturation oscillations of the
output transistor. The capacitor also suppresses external electromagnetic switching noise created from
fluorescent lamps.
7.
Ri
Inverting input resistance to provide AC Gain in conjunction with R
f1.
8.
Ci
(Note 17)
Feedback capacitor. Ensures unity gain at DC. Also a low frequency pole (highpass roll-off) at:
f
c = 1/(2
πRi Ci)
9.
R
f1
Feedback resistance to provide AC Gain in conjunction with Ri.
10.
R
f2
(Note 17)
At higher frequencies feedback resistance works with C
f to provide lower AC Gain in conjunction with Rf1 and
Ri. A high frequency pole (lowpass roll-off) exists at:
f
c =[Rf1 Rf2 (s + 1/Rf2Cf)]/[(Rf1 +Rf2)(s + 1/Cf(Rf1 +Rf2))]
11.
C
f
(Note 17)
Compensation capacitor that works with R
f1 and Rf2 to reduce the AC Gain at higher frequencies.
12.
R
M
Mute resistance set up to allow 0.5 mA to be drawn from pin 8 to turn the muting function off.
→R
M is calculated using: RM
≤ (|V
EE| − 2.6V)/I8 where I8
≥ 0.5 mA. Refer to the Mute Attenuation vs.
Mute Current curves in the Typical Performance Characteristics section.
13.
C
M
Mute capacitance set up to create a large time constant for turn-on and turn-off muting.
14.
R
SN
(Note 17)
Works with C
SN to stabilize the output stage by creating a pole that eliminates high frequency oscillations.
15.
C
SN
(Note 17)
Works with R
SN to stabilize the output stage by creating a pole that eliminates high frequency oscillations.
f
c = 1/(2
πR
SNCSN)
16.
L
(Note 17)
Provides high impedance at high frequencies so that R may decouple a highly capacitive load and reduce the
Q of the series resonant circuit due to capacitive load. Also provides a low impedance at low frequencies to
short out R and pass audio signals to the load.
17.
R
(Note 17)
18.
C
S
Provides power supply filtering and bypassing.
19.
S1
Mute switch that mutes the music going into the amplifier when opened.
Note 17: Optional components dependent upon specific design requirements. Refer to the Application Information section for more information.
OPTIONAL EXTERNAL COMPONENT INTERACTION
Although the optional external components have specific
desired functions that are designed to reduce the bandwidth
and eliminate unwanted high frequency oscillations they may
cause certain undesirable effects when they interact. Inter-
action may occur for components whose reactances are in
close proximity to one another. One example would be the
coupling capacitor, C
C, and the compensation capacitor, Cf.
These two components act as low impedances to certain
frequencies which will couple signals from the input to the
output. Please take careful note of basic amplifier compo-
nent functionality when designing in these components.
The optional external components shown in Figure 2 and
described above are applicable in both single and split volt-
age supply configurations.
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com