Electronic Components Datasheet Search
  English  ▼

X  

M28W640FCT Datasheet(PDF) 58 Page - STMicroelectronics

Part # M28W640FCT
Description  64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640FCT Datasheet(HTML) 58 Page - STMicroelectronics

Back Button M28W640FCT_06 Datasheet HTML 54Page - STMicroelectronics M28W640FCT_06 Datasheet HTML 55Page - STMicroelectronics M28W640FCT_06 Datasheet HTML 56Page - STMicroelectronics M28W640FCT_06 Datasheet HTML 57Page - STMicroelectronics M28W640FCT_06 Datasheet HTML 58Page - STMicroelectronics M28W640FCT_06 Datasheet HTML 59Page - STMicroelectronics M28W640FCT_06 Datasheet HTML 60Page - STMicroelectronics M28W640FCT_06 Datasheet HTML 61Page - STMicroelectronics M28W640FCT_06 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 77 page
background image
Common Flash Interface (CFI)
M28W640FCT, M28W640FCB
58/77
Appendix B
Common Flash Interface (CFI)
The Common Flash Interface is a JEDEC approved, standardized data structure that can be
read from the Flash memory device. It allows a system software to query the device to
determine various electrical and timing parameters, density information and functions
supported by the memory. The system can interface easily with the device, enabling the
software to upgrade itself when necessary.
When the CFI Query Command (RCFI) is issued the device enters CFI Query mode and the
data structure is read from the memory. Tables 26, 27, 28, 29, 30 and 31 show the
addresses used to retrieve the data.
The CFI data structure also contains a security area where a 64 bit unique security number
is written (see Table 31: Security code area). This area can be accessed only in Read mode
by the final user. It is impossible to change the security number after it has been written by
ST. Issue a Read command to return to Read mode.
Table 26.
Query Structure Overview(1)
1.
Query data are always presented on the lowest order data outputs.
Offset
Sub-section Name
Description
00h
Reserved
Reserved for algorithm-specific information
10h
CFI Query Identification String
Command set ID and algorithm data offset
1Bh
System Interface Information
Device timing & voltage information
27h
Device Geometry Definition
Flash device layout
P
Primary Algorithm-specific Extended Query
table
Additional information specific to the
Primary Algorithm (optional)
A
Alternate Algorithm-specific Extended
Query table
Additional information specific to the
Alternate Algorithm (optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com