Electronic Components Datasheet Search
  English  ▼

X  

UPD77015 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # UPD77015
Description  MOS INTEGRATED CIRCUIT
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD77015 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button UPD77015 Datasheet HTML 19Page - Renesas Technology Corp UPD77015 Datasheet HTML 20Page - Renesas Technology Corp UPD77015 Datasheet HTML 21Page - Renesas Technology Corp UPD77015 Datasheet HTML 22Page - Renesas Technology Corp UPD77015 Datasheet HTML 23Page - Renesas Technology Corp UPD77015 Datasheet HTML 24Page - Renesas Technology Corp UPD77015 Datasheet HTML 25Page - Renesas Technology Corp UPD77015 Datasheet HTML 26Page - Renesas Technology Corp UPD77015 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 62 page
background image
21
µPD77015, 77017, 77018
2.4.2
Data Memory Outline
The
µPD77015 has two data memory areas (64K words × 16 bits each) in X and Y memory areas.
Each memory areas consists of 1K words
× 16 bits data RAM and 2K words × 16 bits data ROM . As the
µPD77017 has interface with the external data memory, 16 K words × 16 bits external data memory space can
be add to X/Y memories.
The
µPD77017 has two data memory areas (64K words × 16 bits each) in X and Y memory areas.
Each memory areas consists of 2K words
× 16 bits data RAM and 4K words ×16 bits data ROM . As the
µPD77017 has interface with the external data memory, 16 K words × 16 bits external data memory space can
be add to X/Y memories.
The
µPD77018 has two data memory areas (64K words × 16 bits each) in X and Y memory areas.
Each memory areas consists of 3K words
× 16 bits data RAM and 12K words ×16 bits data ROM . As the
µPD77018 has interface with the external data memory, 16 K words × 16 bits external data memory space can
be add to X/Y memories.
Each data memory area includes on-chip peripheral area which consists of 64 words.
When the external data memory area is accessed, instruction cycle can be 2 or more by wait function.
3840H
383FH
0400H
03FFH
0000H
System (1984 words)
System (11K words)
Data RAM (3K words)
External Data Memory
(16K words)
PD77018
5000H
4FFFH
System (28K words)
PD77017
Peripheral (64 words)
PD77015
4000H
3FFFH
System (30K words)
4800H
47FFH
FFFFH
System (20K words)
0C00H
0BFFH
7000H
6FFFH
External Data Memory
(16K words)
System (1984 words)
Peripheral (64 words)
System (12K words)
Data RAM (2K words)
0800H
07FFH
External Data Memory
(16K words)
C000H
BFFFH
Data ROM (2K words)
Data ROM (4K words)
Data ROM (12K words)
System (1984 words)
Peripheral (64 words)
System (13K words)
Data RAM (1K words)
3800H
37FFH
µ
µ
µ
Caution
When any data is accessed or stored to system address, normal operation of the device is
not assured.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com