Electronic Components Datasheet Search
  English  ▼

X  

UPD77210 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # UPD77210
Description  MOS INTEGRATED CIRCUIT
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD77210 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button UPD77210 Datasheet HTML 35Page - Renesas Technology Corp UPD77210 Datasheet HTML 36Page - Renesas Technology Corp UPD77210 Datasheet HTML 37Page - Renesas Technology Corp UPD77210 Datasheet HTML 38Page - Renesas Technology Corp UPD77210 Datasheet HTML 39Page - Renesas Technology Corp UPD77210 Datasheet HTML 40Page - Renesas Technology Corp UPD77210 Datasheet HTML 41Page - Renesas Technology Corp UPD77210 Datasheet HTML 42Page - Renesas Technology Corp UPD77210 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
Data Sheet U15203EJ3V0DS
37
µµµµPD77210, 77213
Memory-Mapped Peripherals (3/3)
X/Y Memory Address
Register Name
Function
Peripheral
Name
0x387C to 0x387F
Reserved area
Caution Do not access this area.
−
0x3880
ICR0
Interrupt control register 0
0x3881
ICR1
Interrupt control register 1
0x3882
ICR2
Interrupt control register 2
0x3883
ICR3
Interrupt control register 3
0x3884
ICR4
Interrupt control register 4
0x3885
ICR5
Interrupt control register 5
0x3886
ICR6
Interrupt control register 6
0x3887
ICR7
Interrupt control register 7
0x3888
ICR8
Interrupt control register 8
0x3889
ICR9
Interrupt control register 9
0x388A
ICR10
Interrupt control register 10
0x388B
ICR11
Interrupt control register 11
INTC
0x388C to 0x388F
Reserved area
Caution Do not access this area.
−
0x3890
TIR0
Timer initial register 0
0x3891
TCR0
Timer count register 0
0x3892
TCSR0
Timer control/status register 0
TIM0
0x3893
Reserved area
Caution Do not access this area.
−
0x3894
TIR1
Timer initial register 1
0x3895
TCR1
Timer count register 1
0x3896
TCSR1
Timer control/status register 1
TIM1
0x3897 to 0x389F
Reserved area
Caution Do not access this area.
−
0x38A0
CEFR
Collect enable flag register
0x38A1
CPR0
Collect page register 0
0x38A2
CAR0
Collect address register 0
0x38A3
CLIR0
Collect instruction data register (high) 0
0x38A4
CUIR0
Collect instruction data register (low) 0
0x38A5
CPR1
Collect page register 1
0x38A6
CAR1
Collect address register 1
0x38A7
CLIR1
Collect instruction data register (high) 1
0x38A8
CUIR1
Collection instruction data register (low) 1
IMC
0x38A9 to 0x38AF
Reserved area
Caution Do not access this area.
−
0x38B0
CLKC
Clock control register
CLKC
0x38B1 to 0x38BF
Reserved area
Caution Do not access this area.
−
0x38C0
IPR
Instruction paging register
0x38C1
DPR
Data paging register
Page register
0x38C2 to 0x38CF
Reserved area
Caution Do not access this area.
−
0x38D0
ADCR
Note
Additional I/F control register
Additional IO
0x38D1-0x3FFF
Reserved area
Caution Do not access this area.
−
Note
µPD77213 only. Do not access 0x38D0 of the µPD77210.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com