Electronic Components Datasheet Search
  English  ▼

X  

CE-300 Datasheet(PDF) 2 Page - Integrated Power Designs Inc.

Part # CE-300
Description  300 WATTS CE-300 SERIES AC-DC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IPDPOWER [Integrated Power Designs Inc.]
Direct Link  https://www.ipdpower.com/
Logo IPDPOWER - Integrated Power Designs Inc.

CE-300 Datasheet(HTML) 2 Page - Integrated Power Designs Inc.

  CE-300 Datasheet HTML 1Page - Integrated Power Designs Inc. CE-300 Datasheet HTML 2Page - Integrated Power Designs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image












































































CE-300 SERIES MECHANICAL SPECIFICATIONS
APPLICATIONS INFORMATION
1.
Semiconductor case temperatures must not exceed 110°C.
2.
Each output can deliver its rated current but total output power must not exceed 300
watts.
3.
Internal fan provides airflow to cool internal components. Area around fan and vent
openings must be kept clear to allow unrestricted airflow in and out of these openings.
4.
This product is intended for use as a professionally installed component within information
technology.
5.
A minimum load of 10% is required on output one to ensure proper regulation of
remaining outputs.
6.
Remote sense terminals may be used to compensate for cable losses up to 250mV. The
use of a twisted pair is recommended as well as a decoupling capacitor (0.1 - 10
F) and
a capacitor of 100
F/amp connected across the load side.
7.
Peak to peak output ripple and noise is measured directly at the output terminals of the
power supply, without the use of the probe ground lead or retractable tip, 20 MHz
bandwidth.
8.
This product was type tested and safety certified using the dielectric strength test voltages
listed in Table 5B of UL 60950-1. In consideration of Clause 5.2.2, care must be taken to
insure that the voltage applied to a reinforced insulation does not overstress basic
insulation. Secondary to ground capacitors may need to be removed prior to performing a
dielectric strength type test on the end product. It is highly recommended that the DC
equivalent test voltages be used when performing a production-line dielectric strength test
of the assembled end product. Please consult factory before performing an AC dielectric
strength test.
9.
This power supply has been safety approved and final tested using a DC dielectric
strength test. Please consult factory before performing an AC dielectric strength test.
10.
Maximum screw penetration into chassis mounting holes is .188 inches.
MAXIMUM OUTPUT POWER VS. AMBIENT TEMPERATURE
CONNECTOR SPECIFICATIONS
TB1
AC Input
Terminal block with 6-32 screws on 0.325 centers mates
with #6, 0.26 inch wide spade terminals. (10 in-lb max)
TB2
DC Output
Terminal block with 6-32 screws on 0.325 centers mates
with #6, 0.26 inch wide spade terminals. (10 in-lb max)
+ / -
DC Output
10-32 threaded studs mate with #10 ring tongue terminals.
P1
Option/Sense
.100 breakaway header mates with Molex 22-01-2127 or
equivalent crimp terminal housing with Molex 6459 or
equivalent crimp terminal.
NOTES
Consult factory for alternate output configurations.
Consult factory for positive, negative or floating outputs.
Refer to Applications Information for complete output power ratings.
All specifications are maximum at 25
 C, 300W unless otherwise stated, may vary by model and
are subject to change without notice.
INTEGRATED
POWER DESIGNS 300 Stewart Road ■ Wilkes-Barre, PA 18706 ■ Phone: (570) 824-4666 ■ Fax: (570) 824-4843 ■ Email: sales@ipdpower.com ■ Web: www.ipdpower.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com