Electronic Components Datasheet Search
  English  ▼

X  

CE-300-3003 Datasheet(PDF) 1 Page - Integrated Power Designs Inc.

Part # CE-300-3003
Description  300 WATTS CE-300 SERIES AC-DC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IPDPOWER [Integrated Power Designs Inc.]
Direct Link  https://www.ipdpower.com/
Logo IPDPOWER - Integrated Power Designs Inc.

CE-300-3003 Datasheet(HTML) 1 Page - Integrated Power Designs Inc.

  CE-300-3003 Datasheet HTML 1Page - Integrated Power Designs Inc. CE-300-3003 Datasheet HTML 2Page - Integrated Power Designs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
300 WATTS
CE-300 SERIES AC-DC
FEATURES:
FAN/COVER
SAFETY SPECIFICATIONS
General
Protection Class:
I
Overvoltage Category: II
Pollution Degree:
2
Underwriters Laboratories
File E137708/E140259
UL 60950-1:2007, 2nd Edition
CAN/CSA-C22.2 No. 60950-1-07,2ndEdition
CB Reports/Certificates (including all
National and Group Deviations)
IEC 62368-1:2014, 2nd Edition
TUV SUD America
EN 62368-1:2014, 2nd Edition
Low Voltage Directive
(2014/35/EU of February 2014)
RoHS Directive (Recast)
(2015/863/EU of March 2015)
Electrical Equipment (Safety) Regulations 2016 SI No. 1101
Restriction of the Use of Certain Hazardous Substances in EEE Regulations
2012 SI No. 3032 + 2019 SI No.492
MODEL LISTING
MODEL NO.
OUTPUT 1 OUTPUT 2 OUTPUT 3 OUTPUT 4 OUTPUT 5
CE-300-5001
+5V/40A
+24V/4A
+12V/6A
-5V/1A
-12V/2A
CE-300-5002
+5V/40A
+12V/8A
-12V/6A
-5V/1A
+24V/2A
CE-300-5003
+5V/40A
+12V/8A
+24V/3A
-15V/1A
+15V/2A
CE-300-5004
+5V/40A
+24V/4A
24V/3A
-12V/1A
+12V/2A
CE-300-5005
+24V/8A
+12V/8A
+5V/6A
-15V/1A
+15V/2A
CE-300-5006
+24V/8A
24V/4A
+5V/6A
-15V/1A
+15V/2A
CE-300-5012
+5V/40A
+28V/3A
+12V/6A
-5V/2A
-12V/2A
CE-300-5013
+5V/40A
+3.3V/6A
+24V/4A
-5V/1A
12V/2A
CE-300-4001
+5V/40A
+12V/8A
-5V/5A
-12V/2A
CE-300-4002
+5V/40A
+24V/4A
+12V/6A
-12V/2A
CE-300-4003
+5V/40A
+24V/4A
+15V/4A
-15V/2A
CE-300-4004
+24V/8A
+12V/8A
+5V/6A
-12V/2A
CE-300-4005
+5V/40A
-5.2V/12A
+12V/6A
-12V/2A
CE-300-4006
+24V/8A
+12V/8A
-12V/1.5A
5V/2A
CE-300-4007
+24V/8A
+15V/6A
+5V/6A
-15V/2A
CE-300-4009
+24V/8A
+12V/8A
+5V/10A
-12V/2A
CE-300-4011
+5V/40A
+3.3/12A
+12V/2A
-12V/2A
CE-300-3001
+5V/40A
+12V/8A
-12V/6A
CE-300-3002
+5V/40A
+12V/8A
+24V/3A
CE-300-3003
+5V/40A
+15V/6A
-15V/4A
CE-300-3004
+12V/16A
-12V/8A
+5V/6A
CE-300-3006
+5V/40A
+3.3/12A
+12V/2A
CE-300-2001
+5V/40A
+24V/4A
CE-300-2002
+12V/16A
-12V/8A
CE-300-2003
+15V/13A
-15V/6A
CE-300-2004
+24V/8A
-24V/4A
CE-300-1001
5V/60A
CE-300-1002
12V/25A
CE-300-1003
15V/20A
CE-300-1004
24V/12A
CE-300
OUTPUT SPECIFICATIONS
Total Output Power
300W
Output Voltage Centering
Outputs 1 – 5:  0.5% (All outputs
at 50% load)
Output Voltage Adjust Range
Outputs 1 – 3: 95 - 105%
Load Regulation
Outputs 1 – 5: 1.0%
(10-100% load change)
Source Regulation
Outputs 1 – 5: 0.5%
Cross Regulation
Outputs 2 – 5: 0.5%
(Output 1 load
varied 50-100%)
Output Noise
Outputs 1 - 5:
1.0%
Turn on Overshoot
None
Transient Response
Outputs 1 – 5
Voltage Deviation
5.0%
Recovery Time
2mS
Load Change
50% to 100%
Output Overvoltage Protection
(Optional)
Output 1:
120% to 150% Shuts down all
outputs. Cycle input to restart.
Output Overpower Protection
340 W Min.,
Outputs cycle on/off, auto recovery
Output Overcurrent Protection
Outputs 2,3,4 & 5, 110% Min
Hold Up Time
20 mS min., 300W Output, 120V Input
Start Up Time
3 Seconds
INPUT SPECIFICATIONS
Source Voltage
85 – 264 Volts AC
Frequency Range
47 – 63 Hz
Source Current
True RMS
Peak Inrush
Peak Repetitve
Harmonic Distortion
5.8A at 85V Input
20A
8.2A at 85V Input
0.05
Efficiency
.68-.80(Varies by model)
Power Factor
0.90 (300 W, 230V)
ENVIRONMENTAL SPECIFICATIONS
Ambient Operating
0
 C to + 50 C
Temperature Range
Derating: See Power Rating Chart
Ambient Storage Temp. Range
- 40
 C to + 85 C
Temperature Coefficient
Outputs 1 – 5:
0.02%/
C
Altitude
3,000m ASL – Operating
12,192m ASL –Non-Operating
GENERAL SPECIFICATIONS
Dielectric Strength(8)
Reinforced Insulation
4242 VDC, Primary to Secondary, 1 Sec.
Basic Insulation
2121 VDC, Primary to Ground, 1 Sec.
Operational Insulation
500 VDC, Secondary to Ground, 1 Sec.
Power Fail Signal
Logic low with input power failure 2 mS
minimum prior to Output 1 dropping 1%
Remote On/Off (optional)
Contact closure shuts off all outputs
Remote Sense(outputs 1 & 2)
250mV compensation of output cable losses
Weight
3.30 Lbs.
ELECTROMAGNETIC COMPATIBILITY SPECIFICATIONS
Electrostatic Discharge
EN 61000-4-2
+/- 8kV Contact Discharge
+/- 8kV Air Discharge
Radiated Electromagnetic Field
EN 61000-4-3
80MHz-2.5GHz, 10/m, 80% AM
EFT/Bursts
EN 61000-4-4
+/- 2 kV
Surges
EN 61000-4-5
+/- 1 kV Differential Mode
+/- 2 kV Common Mode
Conducted Immunity
EN 61000-4-6
.15 to 80MHz, 3V, 80% AM
Voltage Dips and Interruptions
EN 61000-4-11 30% Reduction, 500ms
95% Reduction, 10ms
60% Reduction, 1s (Criteria B)
95% Reductions, 5000ms
Radiated Emissions
EN 55022
Class B
Conducted Emissions
EN 55022
Class B
Harmonic Current Emissions
EN 61000-3-2
ORDERING INFORMATION
Please specify the following optional features when ordering:
RE – Remote Inhibit
OVP - Overvoltage protection
• RoHS Compliant
• Universal 85-264 VAC Input
• Compact 4.9" x 8.5" x 1.95 Size
• 2 Year Warranty
• One to Five Tightly Regulated
Outputs
• EN 60950-1 ITE Certification
• Class B Emissions per EN 55022
• Harmonic Current per EN 61000-3-2
• EMC to EN 61000-6-2
INTEGRATED
POWER DESIGNS 300 Stewart Road ■ Wilkes-Barre, PA 18706 ■ Phone: (570) 824-4666 ■ Fax: (570) 824-4843 ■ Email: sales@ipdpower.com ■ Web: www.ipdpower.com


Similar Part No. - CE-300-3003

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
CE-30 SENSATA-CE-30 Datasheet
172Kb / 3P
COST-EFFECTIVE, ESSENTIAL LED CHARGE CONTROLLER
Rev: 07/19/20
More results

Similar Description - CE-300-3003

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ25B50 ASTEC-ALQ25B50 Datasheet
106Kb / 2P
300 Watts
BM80A ASTEC-BM80A Datasheet
627Kb / 2P
300 Watts
logo
Power-One
FNP300-1012 POWER-ONE-FNP300-1012 Datasheet
115Kb / 6P
AC-DC Power Supply 12V, 24V, 48V Output, 300 Watts
logo
Powerbox
OBP02013 POWERBOX-OBP02013 Datasheet
802Kb / 3P
200-300 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
logo
XP Power Limited
PBM300 XPPOWER-PBM300 Datasheet
161Kb / 2P
300 Watts PBM300 Series
RDH300 XPPOWER-RDH300 Datasheet
712Kb / 6P
DC-DC Converter 300 Watts
logo
ETA-USA
VTF-SZ ETA-USA-VTF-SZ Datasheet
477Kb / 3P
300 WATT AC-DC CONVERTER
WRF-SX ETA-USA-WRF-SX Datasheet
468Kb / 4P
300 WATT AC-DC CONVERTER
logo
TRACO Electronic AG
TPI300-M TRACOPOWER-TPI300-M Datasheet
1Mb / 6P
AC/DC Power Supply TPI 300-M Series, 300 Watt
Rev. March 16, 2023
TPP300-M TRACOPOWER-TPP300-M Datasheet
1Mb / 6P
AC/DC Medical Power Supply TPP 300-M Series, 300 Watt
Rev. March 16, 2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com