Electronic Components Datasheet Search
  English  ▼

X  

44429007 Datasheet(PDF) 1 Page - Lapp.

Part # 44429007
Description  EPIC® D-SUB SCBG / BCBG AU ROLLER CONTACTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

44429007 Datasheet(HTML) 1 Page - Lapp.

  44429007 Datasheet HTML 1Page - Lapp. 44429007 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
44429011
DATA SHEET
Valid from:
14.10.2020
EPIC® D-SUB SCBG / BCBG AU ROLLER CONTACTS
Creator: MANA2/PDP
Released: IVSE1/PDP
Document: DB44429011EN
Version: 02
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Description
For inserts and modules of the EPIC
® connectors
Article-
Number
Article
Version Conductor
cross-
section
[mm²]
Conductor
cross-
section
[AWG]
Surface Stripping
length
[mm]
Max
insulation
diameter
[mm]
Note
Contact
Contact
44429011 EPIC
® D-SUB
SCBG AU G2
0,08-0,22 (500)
male
0,08 - 0,22 24-28
Au
(0,8µm)
2,5 + 0,5 1,0
1 reel (PU) = 500
contacts
44429007 EPIC
® D-SUB
BCBG AU G2
0,08-0,22 (500)
female 0,08 - 0,22 24-28
Au
(0,8µm)
2,5 + 0,5 1,0
1 reel (PU) = 500
contacts
44429013 EPIC
® D-SUB
SCBG AU G3
0,08-0,22 (500)
male
0,08 - 0,22 24-28
Au
(0,1µm)
2,5 + 0,5 1,0
1 reel (PU) = 500
contacts
44429009 EPIC
® D-SUB
BCBG AU G3
0,08-0,22 (500)
female
0,08 - 0,22 24-28
Au
(0,1µm)
2,5 + 0,5 1,0
1 reel (PU) = 500
contacts
44429012 EPIC
® D-SUB
SCBG AU G2
0,22-0,56 (500)
male
0,22 - 0,56 20-24
Au
(0,8µm)
2,5 + 0,5 1,5
1 reel (PU) = 500
contacts
44429008 EPIC
® D-SUB
BCBG AU G2
0,22-0,56 (500)
female
0,22 - 0,56 20-24
Au
(0,8µm)
2,5 + 0,5 1,5
1 reel (PU) = 500
contacts
44429014 EPIC
® D-SUB
SCBG AU G3
0,22-0,56 (500)
male
0,22 - 0,56 20-24
Au
(0,1µm)
2,5 + 0,5 1,5
1 reel (PU) = 500
contacts
44429010 EPIC
® D-SUB
BCBG AU G3
0,22-0,56 (500)
female
0,22 - 0,56 20-24
Au
(0,1µm)
2,5 + 0,5 1,5
1 reel (PU) = 500
contacts
44429030 EPIC D-Sub SCBG
AU G3 0,22-0,56
(10k)
male
0,22 – 0,56 20-24
Au
(0,1µm)
2,5 + 0,5 1,5
1 reel (PU) =
10000
contacts
44429031 EPIC D-Sub BCBG
AU G3 0,22-0,56
(10k)
female
0,22 – 0,56 20-24
Au
(0,1µm)
2,5 + 0,5 1,5
1 reel (PU) =
10000
contacts


Similar Part No. - 44429007

ManufacturerPart #DatasheetDescription
logo
Lapp.
44429015 LAPP-44429015 Datasheet
151Kb / 2P
EPIC® H-A 3 MAGD
17.09.2018
More results

Similar Description - 44429007

ManufacturerPart #DatasheetDescription
logo
Lapp.
1121300C LAPP-1121300C Datasheet
88Kb / 1P
EPIC® MC 2.5 MACHINED CONTACTS
17.09.2018
11147000 LAPP-11147000 Datasheet
269Kb / 2P
EPIC® TOOLS FOR CONTACTS
17.09.2018
11158400 LAPP-11158400 Datasheet
104Kb / 1P
EPIC® TOOLS FOR M-D 1.0 D-SUB STAMPED CONTACTS
17.09.2018
11201000 LAPP-11201000 Datasheet
86Kb / 1P
EPIC® MC 2.5 STAMPED CONTACTS
17.09.2018
11241100 LAPP-11241100 Datasheet
148Kb / 2P
EPIC® H-D 1.6 STAMPED CONTACTS
08.04.2021
13162000 LAPP-13162000 Datasheet
99Kb / 1P
EPIC® H-D 1.6 Machined Contacts
17.09.2018
44420260 LAPP-44420260 Datasheet
203Kb / 2P
EPIC® POWERLOCK CRIMP CONTACTS
12.05.2021
44423242 LAPP-44423242 Datasheet
161Kb / 1P
EPIC® MH D=8.0 sqmm Contacts
31.10.2018
44429318 LAPP-44429318 Datasheet
85Kb / 1P
EPIC® LS1.5 FEMALE CONTACTS BCEM
17.09.2018
74033001 LAPP-74033001 Datasheet
106Kb / 1P
EPIC® POWER LS1 SCM AU
17.09.2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com