Electronic Components Datasheet Search
  English  ▼

X  

BAS19W Datasheet(PDF) 3 Page - SMC Diode Solutions Co. LTD

Part # BAS19W
Description  BAS19W-BAS21W SURFACE MOUNT FAST SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

BAS19W Datasheet(HTML) 3 Page - SMC Diode Solutions Co. LTD

  BAS19W Datasheet HTML 1Page - SMC Diode Solutions Co. LTD BAS19W Datasheet HTML 2Page - SMC Diode Solutions Co. LTD BAS19W Datasheet HTML 3Page - SMC Diode Solutions Co. LTD BAS19W Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Data
Data Sheet N0588, Rev. B
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
BAS19W-BAS21W
For information on tape and reel specifications, including part
orientation and tape sizes, please refer to our tape and reel
packaging specification.
Ordering Information
Marking Diagram
Device
Package
Shipping
BAS19W-BAS21W
SOT-323
(Pb-Free)
3000pcs / reel
Mechanical Dimensions SOT-323
SYMBOL
Millimeters
Inches
MIN.
MAX.
MIN.
MAX.
A
0.900
1.100
0.035
0.043
A1
0.000
0.100
0.000
0.004
A2
0.900
1.000
0.035
0.039
b
0.200
0.400
0.008
0.016
c
0.080
0.150
0.003
0.006
D
2.000
2.200
0.079
0.087
E
1.150
1.350
0.045
0.053
E1
2.150
2.450
0.085
0.096
e
0.650 TYP.
0.026 TYP.
e1
1.200
1.400
0.047
0.055
L
0.525 REF.
0.021 REF.
L1
0.260
0.460
0.010
0.018
θ
0°
8°
0°
8°
Carrier Tape Specification SOT-323
SYMBOL
Millimeters
Min.
Max.
A
2.20
2.30
B
2.50
2.60
C
1.14
1.24
d
1.45
1.65
E
1.65
1.85
F
3.40
3.60
P
3.90
4.10
P0
3.90
4.10
P1
1.90
2.10
W
7.90
8.30



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com