Electronic Components Datasheet Search
  English  ▼

X  

BAT54 Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # BAT54
Description  BAT54/A/C/S SCHOTTKY BARRIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

BAT54 Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  BAT54 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD BAT54 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD BAT54 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD BAT54 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD BAT54 Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data
Automotive Qualified
Data Sheet N0123, Rev. E
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
BAT54(A)(C)(S)
BAT54/A/C/S SCHOTTKY BARRIER DIODE
BAT54
BAT54A
BAT54C
BAT54S
MARKING:KL1
MARKING:KL2
MARKING:KL3
MARKING:KL4
Note: If date code is before 16221, please contact with factory about marking.
Characteristics
Symbol
Condition
Max.
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
-
30
V
Average Forward Current
IF(AV)
50% duty cycle @TC =80°C,
rectangular wave form
0.2
A
Peak One Cycle Non-Repetitive Surge
Current (per leg)
IFSM
8.3 ms, half Sine pulse
0.6
A
Power dissipation#
Ptot
Tamb = 25 C
200
mW
Features
Maximum Ratings@TA=25°C unless otherwise specified
Negligible switching losses
Very small conduction losses
Low forward voltage drop
Surface mount device
Double diodes with different pining are available
This is a Pb − Free Device
“-A” is an AEC-Q101 qualified device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
SOT-23


Similar Part No. - BAT54

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54 PANJIT-BAT54 Datasheet
112Kb / 3P
SURFACT MOUNT SCHOTTKY BARRIER
logo
NXP Semiconductors
BAT54 PHILIPS-BAT54 Datasheet
48Kb / 8P
Schottky barrier double diodes
2002 Mar 04
logo
STMicroelectronics
BAT54 STMICROELECTRONICS-BAT54 Datasheet
83Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
logo
Won-Top Electronics
BAT54 WTE-BAT54 Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Zetex Semiconductors
BAT54 ZETEX-BAT54 Datasheet
101Kb / 2P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODES
More results

Similar Description - BAT54

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
MBRF640 ZSELEC-MBRF640 Datasheet
322Kb / 2P
6.0 A SCHOTTKY BARRIER DIODE
MBRF840 ZSELEC-MBRF840 Datasheet
322Kb / 2P
A SCHOTTKY BARRIER DIODE 8.0
SK540D ZSELEC-SK540D Datasheet
149Kb / 2P
5.0 A SCHOTTKY BARRIER DIODE
SK540P ZSELEC-SK540P Datasheet
164Kb / 2P
5.0 A SCHOTTKY BARRIER DIODE
SK840D ZSELEC-SK840D Datasheet
149Kb / 2P
8.0 A SCHOTTKY BARRIER DIODE
BD540YS ZSELEC-BD540YS Datasheet
146Kb / 2P
5.0 A SCHOTTKY BARRIER DIODE
BD640CS ZSELEC-BD640CS Datasheet
146Kb / 2P
6.0 A SCHOTTKY BARRIER DIODE
BD640CT ZSELEC-BD640CT Datasheet
147Kb / 2P
6.0 A SCHOTTKY BARRIER DIODE
BD840CS ZSELEC-BD840CS Datasheet
146Kb / 2P
8.0 A SCHOTTKY BARRIER DIODE
MBR640G ZSELEC-MBR640G Datasheet
143Kb / 2P
6.0 A SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com