Electronic Components Datasheet Search
  English  ▼

X  

54F02 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54F02
Description  Quad 2-Input NOR Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F02 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  54F02 Datasheet HTML 1Page - National Semiconductor (TI) 54F02 Datasheet HTML 2Page - National Semiconductor (TI) 54F02 Datasheet HTML 3Page - National Semiconductor (TI) 54F02 Datasheet HTML 4Page - National Semiconductor (TI) 54F02 Datasheet HTML 5Page - National Semiconductor (TI) 54F02 Datasheet HTML 6Page - National Semiconductor (TI) 54F02 Datasheet HTML 7Page - National Semiconductor (TI) 54F02 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Electrical Characteristics
See Section 0 for Waveforms and Load Configurations
74F
54F
74F
T
A = +25˚C
T
A,VCC = Mil
T
A,VCC = Com
Fig.
Symbol
Parameter
V
CC = +5.0V
C
L = 50 pF
C
L = 50 pF
Units
No.
C
L = 50 pF
Min
Typ
Max
Min
Max
Min
Max
t
PLH
Propagation Delay
2.5
4.4
5.5
2.5
7.5
2.5
6.5
ns
kk-kk
t
PHL
A
n,Bn to On
1.5
3.2
4.3
1.5
6.5
1.5
5.3
PrintDate=1997/09/03 PrintTime=06:50:40 11240 ds009455 Rev. No. 1
cmserv
Proof
4
Book
Extract
End
DSXXX
DSXXX
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com