Electronic Components Datasheet Search
  English  ▼

X  

R18LD10 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # R18LD10
Description  LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

R18LD10 Datasheet(HTML) 2 Page - Unisonic Technologies

  R18LD10 Datasheet HTML 1Page - Unisonic Technologies R18LD10 Datasheet HTML 2Page - Unisonic Technologies R18LD10 Datasheet HTML 3Page - Unisonic Technologies R18LD10 Datasheet HTML 4Page - Unisonic Technologies R18LD10 Datasheet HTML 5Page - Unisonic Technologies R18LD10 Datasheet HTML 6Page - Unisonic Technologies R18LD10 Datasheet HTML 7Page - Unisonic Technologies R18LD10 Datasheet HTML 8Page - Unisonic Technologies R18LD10 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
RXXLD10
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 14
1414
www.unisonic.com.tw
QW-R102-025.I
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
TO-220F-4
TO-252
TO-252-5
15:1.5V
18:1.8V
20:2.0V
25:2.5V
03:3.0V
33:3.3V
05:5.0V
12:12V
SOP-8
HSOP-8
PIN CONFIGURATION (FOR HSOP-8)
1
ON/OFF
2
INPUT
3
OUTPUT
8 GND
7 GND
6 GND
5 GND
NC 4
GND
(Note)
Note: Connect exposed pad to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com