Electronic Components Datasheet Search
  English  ▼

X  

UPD78320 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # UPD78320
Description  MOS INTEGRATED CIRCUIT
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78320 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button UPD78320 Datasheet HTML 19Page - Renesas Technology Corp UPD78320 Datasheet HTML 20Page - Renesas Technology Corp UPD78320 Datasheet HTML 21Page - Renesas Technology Corp UPD78320 Datasheet HTML 22Page - Renesas Technology Corp UPD78320 Datasheet HTML 23Page - Renesas Technology Corp UPD78320 Datasheet HTML 24Page - Renesas Technology Corp UPD78320 Datasheet HTML 25Page - Renesas Technology Corp UPD78320 Datasheet HTML 26Page - Renesas Technology Corp UPD78320 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 90 page
background image
21
µPD78320, 78322
2.2.1
Control Register
The control registers carry out dedicated functions such as control of the program sequence, status and stack memory,
and modification of operand addressing. They consist of three 16-bit registers and one 8-bit register.
(1)
Program counter (PC)
This is a 16-bit register which holds the address information of the next program to be executed. It is normally
incremented according to the number of bytes of the instruction to be fetched. If an instruction with data branch is
executed, immediate data and the register content are set. RESET input sets and branches the data of 0000H and 0001H
reset vector tables in the PC.
(2)
Program status word (PSW)
This is a 16-bit register consisting of various flags which are set or reset by the result of instruction execution. Read/
write access is carried out in units of the higher 8 bits (PSWH) or lower 8 bits (PSWL). Each flag can be manipulated
using the bit manipulation instruction. If an interrupt request is made or BRK instruction is executed, data is automatically
saved in the stack and is recovered by RETI or RETB instruction.
All bits are reset to 0 by RESET input.
Figure 2-3. PSW Format
(a)
Interrupt priority level transition flag (LT)
This flag is used to control the interrupt priority. For normal operation of the interrupt control circuit, this bit must not
be manipulated by a program.
(b) Carry flag (CY)
If a carry is generated out of bit 7 or 15 as a result of the execution of an operation instruction or a borrow is generated
into bit 7 or 15, this flag is set to 1. In all other cases, this flag is reset to 0. This flag can be tested by the conditional
branch instruction.
When a bit manipulation instruction is executed, this flag functions as a bit accumulator.
(c)
Zero flag (Z)
When the operation result is zero, this flag is set to 1. In all other cases, this flag is reset to 0. This flag can be tested
by the conditional branch instruction.
(d) Sign flag (S)
When MSB of the operation result is “1”, this flag is set to 1. When the MSB is “0”, this flag is reset to 0. This flag
can be tested by the conditional branch instruction.
(e)
Parity/overflow flag (P/V)
Only when an overflow or underflow occurs as two’s complement during execution of an arithmetic operation
instruction, this flag is set to 1. In all other cases, it is reset to 0 (overflow flag operation).
If the bit number of the operation result set to 1 is even during execution of an logic operation instruction, this flag
is set to 1. If the bit number is odd, this flag is reset to 0 (parity flag operation).
This flag can be tested by the conditional branch instruction.
7
65432
10
UF
RBS2 RBS1 RBS0
0
0
0
0
PSWH
7654
3210
S
Z
RSS
AC
IE
P/V
LT
CY
PSWL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com