Electronic Components Datasheet Search
  English  ▼

X  

UPD98408GD-LML Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # UPD98408GD-LML
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD98408GD-LML Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button UPD98408GD-LML Datasheet HTML 16Page - Renesas Technology Corp UPD98408GD-LML Datasheet HTML 17Page - Renesas Technology Corp UPD98408GD-LML Datasheet HTML 18Page - Renesas Technology Corp UPD98408GD-LML Datasheet HTML 19Page - Renesas Technology Corp UPD98408GD-LML Datasheet HTML 20Page - Renesas Technology Corp UPD98408GD-LML Datasheet HTML 21Page - Renesas Technology Corp UPD98408GD-LML Datasheet HTML 22Page - Renesas Technology Corp UPD98408GD-LML Datasheet HTML 23Page - Renesas Technology Corp UPD98408GD-LML Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
Data Sheet S12313EJ3V0DS
18
µµµµPD98408
2. ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Conditions
Rating
Unit
Power supply voltage
VDD
–0.5 to +4.6
V
Input voltage
VI
–0.5 to +6.6
V
Output voltage
VO
–0.5 to +6.6
V
Output current
IO1
Note 1
10
mA
IO2
Note 2
30
mA
Storage temperature
Tstg
–65 to +150
°C
Caution
Absolute maximum ratings are rated values beyond which physical damage will be caused to
the product; if the rated value of any of the parameters in the above table is exceeded, even
momentarily, the quality of the product may deteriorate. Always use the product within its rated
values.
Notes 1. Applies to pins JDO/RDATA0, RECCLK/RDATA1, IC/RDATA2, IC/RDATA3, IC/RDATA4, IC/RDATA5,
SOUT, and IC/RCLK0-IC/RCLK5.
2. Applies to pins RxDATA0-RxDATA7, RxSOC, RxCLAV, TxCLAV, INT_B, DTACK_B/RDY_B, and
DATA0-DATA7.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Power supply voltage
VDD
3.135
3.3
3.465
V
High-level input voltage
VIH
2.0
–
5.5
V
Low-level input voltage
VIL
0–
0.8
V
Operating ambient temperature
TA
–40
–
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com