Electronic Components Datasheet Search
  English  ▼

X  

UPD98409 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # UPD98409
Description  MOS INTEGRATED CIRCUIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD98409 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button UPD98409 Datasheet HTML 18Page - Renesas Technology Corp UPD98409 Datasheet HTML 19Page - Renesas Technology Corp UPD98409 Datasheet HTML 20Page - Renesas Technology Corp UPD98409 Datasheet HTML 21Page - Renesas Technology Corp UPD98409 Datasheet HTML 22Page - Renesas Technology Corp UPD98409 Datasheet HTML 23Page - Renesas Technology Corp UPD98409 Datasheet HTML 24Page - Renesas Technology Corp UPD98409 Datasheet HTML 25Page - Renesas Technology Corp UPD98409 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
Data Sheet S12775EJ4V0DS
20
µPD98409
Target read
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
FRAME_B setup time
tSFRAME
7
ns
FRAME_B hold time
tHFRAME
2
Note 1
ns
AD (Address) setup time
tSADDR
7
ns
AD (Address) hold time
tHADDR
2
Note 1
ns
CLK
↑ → AD (Data) valid time
tDDATA
2
11
ns
CLK
↑ → AD (Data) float time
tDDATAF
28
ns
PCBE_B setup time
tSPCBE
7
ns
PCBE_B hold time
tHPCBE
2
Note 1
ns
IRDY_B setup time
tSIRDY
9
Note 2
ns
IRDY_B hold time
tHIRDY
2
Note 1
ns
CLK
↑ → TRDY_B valid time
tDTRDY
2
11
ns
CLK
↑ → TRDY_B float time
tDTRDYF
28
ns
CLK
↑ → DEVSEL_B valid time
tDDEVSEL
2
11
ns
CLK
↑ → DEVSEL_B float time
tDDEVSELF
28
ns
PAR setup time
tSPAR
7
ns
PAR hold time
tHPAR
2
Note 1
ns
CLK
↑ → PAR valid time
tDPAR
2
11
ns
CLK
↑ → PAR float time
tDPARF
28
ns
PERR_B setup time
tSPERR
7
ns
PERR_B hold time
tHPERR
2
Note 1
Notes 1.
Relaxed specification from PCI Local Bus Specification Revision 2.1 0 ns
→ 2 ns
2.
Relaxed specification from PCI Local Bus Specification Revision 2.1 7 ns
→ 9 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com