Electronic Components Datasheet Search
  English  ▼

X  

LMP7701MF Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP7701MF
Description  Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP7701MF Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LMP7701MF Datasheet HTML 14Page - National Semiconductor (TI) LMP7701MF Datasheet HTML 15Page - National Semiconductor (TI) LMP7701MF Datasheet HTML 16Page - National Semiconductor (TI) LMP7701MF Datasheet HTML 17Page - National Semiconductor (TI) LMP7701MF Datasheet HTML 18Page - National Semiconductor (TI) LMP7701MF Datasheet HTML 19Page - National Semiconductor (TI) LMP7701MF Datasheet HTML 20Page - National Semiconductor (TI) LMP7701MF Datasheet HTML 21Page - National Semiconductor (TI) LMP7701MF Datasheet HTML 22Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Application Information (Continued)
TOTAL NOISE CONTRIBUTION
The LMP7701/LMP7702/LMP7704 have very low input bias
current, very low input current noise, and very low input
voltage noise. As a result, these amplifiers are ideal choices
for circuits with high impedance sensor applications.
Figure 8 shows the typical input noise of the LMP7701/
LMP7702/LMP7704 as a function of source resistance
where:
e
n denotes the input referred voltage noise
e
i is the voltage drop across source resistance due to input
referred current noise or e
i =RS *in
e
t shows the thermal noise of the source resistance
e
ni shows the total noise on the input.
Where:
The input current noise of the LMP7701/LMP7702/LMP7704
is so low that it will not become the dominant factor in the
total noise unless source resistance exceeds 300 M
Ω, which
is an unrealistically high value.
As is evident in Figure 8, at lower R
S values, total noise is
dominated by the amplifier’s input voltage noise. Once R
S is
larger than a few kilo-Ohms, then the dominant noise factor
becomes the thermal noise of R
S. As mentioned before, the
current noise will not be the dominant noise factor for any
practical application.
HIGH IMPEDANCE SENSOR INTERFACE
Many sensors have high source impedances that may range
up to 10 M
Ω. The output signal of sensors often needs to be
amplified or otherwise conditioned by means of an amplifier.
The input bias current of this amplifier can load the sensor’s
output and cause a voltage drop across the source resis-
tance as shown in Figure 9, where V
IN
+ =V
S –IBIAS*RS
The last term, I
BIAS*RS, shows the voltage drop across RS.
To prevent errors introduced to the system due to this volt-
age, an op amp with very low input bias current must be
used with high impedance sensors. This is to keep the error
contribution by I
BIAS*RS less than the input voltage noise of
the amplifier, so that it will not become the dominant noise
factor.
pH electrodes are very high impedance sensors. As their
name indicates, they are used to measure the pH of a
solution. They usually do this by generating an output volt-
age which is proportional to the pH of the solution. pH
electrodes are calibrated so that they have zero output for a
neutral solution, pH = 7, and positive and negative voltages
for acidic or alkaline solutions. This means that the output of
a pH electrode is bipolar and has to be level shifted to be
used in a single supply system. The rate of change of this
voltage is usually shown in mV/pH and is different for differ-
ent pH sensors. Temperature is also an important factor in a
pH electrode reading. The output voltage of the senor will
change with temperature.
Figure 10 shows a typical output voltage spectrum of a pH
electrode. Note that the exact values of output voltage will be
different for different sensors. In this example, the pH elec-
trode has an output voltage of 59.15 mV/pH at 25˚C.
The temperature dependence of a typical pH electrode is
shown in Figure 11. As is evident, the output voltage
changes with changes in temperature.
20127358
FIGURE 8. Total Input Noise
20127359
FIGURE 9. Noise Due to I
BIAS
20127360
FIGURE 10. Output Voltage of a pH Electrode
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com