Electronic Components Datasheet Search
  English  ▼

X  

BAV16W Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # BAV16W
Description  BAV16W SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

BAV16W Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  BAV16W Datasheet HTML 1Page - SMC Diode Solutions Co. LTD BAV16W Datasheet HTML 2Page - SMC Diode Solutions Co. LTD BAV16W Datasheet HTML 3Page - SMC Diode Solutions Co. LTD BAV16W Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N0589, Rev. B
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
BAV16W
BAV16W SCHOTTKY BARRIER DIODE
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Features
Circuit Diagram
Mechanical Data
Maximum Ratings @TA=25°C unless otherwise specified
Characteristic
Symbol
Limit
Units
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
75
V
RMS Reverse Voltage
VR(RMS)
71
V
Forward Continuous Current
IFM
300
mA
Average Rectified Output Current
IO
150
mA
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
2
A
Power Dissipation
Pd
400
mW
Typical Thermal Resistance Junction to Ambient
RθJA
250
°C/W
Junction Temperature Range
TJ
150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Case: SOD-123, Molded Plastic
Terminals: Plated leads Solderable per MIL-STD-202,
Method 208
Polarity: Cathode Band
Weight: 0.01 grams(approx.)
Marking: T6
SOD-123
Fast switching speed
Surface mount package ideally suited for
automatic insertion
For general purpose switching applications
High conductance
Terminals finish: 100% Pure Tin
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon
request


Similar Part No. - BAV16W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV16W PANJIT-BAV16W Datasheet
54Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Won-Top Electronics
BAV16W WTE-BAV16W Datasheet
41Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
BAV16W DIODES-BAV16W Datasheet
63Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30086 Rev. 7 - 2
logo
Formosa MS
BAV16W FORMOSA-BAV16W Datasheet
116Kb / 2P
SOD-123 Plastic-Encapsulate Dio des
logo
Diodes Incorporated
BAV16W DIODES-BAV16W Datasheet
88Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30086 Rev. 17 - 2
More results

Similar Description - BAV16W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com